Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEH200 Datasheet(PDF) 5 Page - Kemet Corporation

Part # PEH200
Description  IEC 60384-4 Long Life Grade 40/85/56, DIN 41240
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PEH200 Datasheet(HTML) 5 Page - Kemet Corporation

  PEH200 Datasheet HTML 1Page - Kemet Corporation PEH200 Datasheet HTML 2Page - Kemet Corporation PEH200 Datasheet HTML 3Page - Kemet Corporation PEH200 Datasheet HTML 4Page - Kemet Corporation PEH200 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
53
KEMET Electrolytic Capacitors
PEH 200
C
R
D x L
Case
I
RAC *
I
RAC*
I
RAC*
ESR*
ESR*
L
ESL
Article
code
85°C
50°C
40°C
20°C
20°C
Approx.
code
**
100 Hz
10 kHz
10 kHz
100 Hz
100 kHz
µF
mm
A
A
A
m
W
m
W
nH
500 VDC (U
R )
3300
90 x 145
Y
15.7
46.9
35.4
38
24
16
PEH200ZY4330M--
5600
90 x 220
Z
19.6
53.4
42.6
25
17
16
PEH200ZZ4560M--
ARTICLE TABLE PEH 200 (85°C)
* Maximum values. ** 2 m/s forced air, studmounted on 3°C/W aluminium chassis.
U2 = Plain can
B2 = Stud can
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended
to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended
for use only by customers who have the requisite experience and capability to determine the correct products for their application. Any technical advice
inferred from this Information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or
liability for the advice given or results obtained.
© KEMET 2006. Reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without KEMET's prior express
consent is prohibited.


Similar Part No. - PEH200

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PEH200 KEMET-PEH200 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
PEH200HA5150MB2 KEMET-PEH200HA5150MB2 Datasheet
4Mb / 13P
   High CV value
PEH200HA5150MU2 KEMET-PEH200HA5150MU2 Datasheet
4Mb / 13P
   High CV value
PEH200HC5220MB2 KEMET-PEH200HC5220MB2 Datasheet
4Mb / 13P
   High CV value
PEH200HC5220MU2 KEMET-PEH200HC5220MU2 Datasheet
4Mb / 13P
   High CV value
More results

Similar Description - PEH200

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALS30 KEMET-ALS30 Datasheet
496Kb / 7P
   IEC 60384-4 Long Life Grade 40/85/56
ALC10 KEMET-ALC10 Datasheet
701Kb / 7P
   IEC 60384-4 Long Life Grade 40/85/56,
ALS34 KEMET-ALS34 Datasheet
606Kb / 8P
   IEC 60384-4 Long Life Grade 40/85/56
ALS32 KEMET-ALS32 Datasheet
483Kb / 5P
   IEC 60384-4 Long Life Grade 40/85/56
ALC12 KEMET-ALC12 Datasheet
565Kb / 5P
   IEC 60384-4 Long Life Grade 40/85/56
ALS36 KEMET-ALS36 Datasheet
227Kb / 8P
   IEC 60384-4 Long Life Grade 40/85/56
ALC42 KEMET-ALC42 Datasheet
584Kb / 5P
   IEC 60384-4 Long Life Grade 40/105/56
ALC40 KEMET-ALC40 Datasheet
686Kb / 6P
   IEC 60384-4 Long Life Grade 40/105/56
ALS42 KEMET-ALS42 Datasheet
215Kb / 4P
   IEC 60384-4 Long Life Grade 40/105/56
ALS40 KEMET-ALS40 Datasheet
309Kb / 6P
   IEC 60384-4 Long Life Grade 40/105/56
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com