Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEH526 Datasheet(PDF) 1 Page - Kemet Corporation

Part # PEH526
Description  IEC 60384-4 Long Life Grade 40/125/56 In accordance with CECC 30 301-809
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PEH526 Datasheet(HTML) 1 Page - Kemet Corporation

  PEH526 Datasheet HTML 1Page - Kemet Corporation PEH526 Datasheet HTML 2Page - Kemet Corporation PEH526 Datasheet HTML 3Page - Kemet Corporation PEH526 Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
RoHS
Compliant
appliCation
basiC design
A high performance electrolytic capacitor
designed for automotive applications
with high vibrations and high ambient
temperatures.
An electrolytic capacitor with outstanding
electrical performance. It is polarized with
the negative pole connected to the case. The
outer case has a plastic cover.
The low ESR is a result of a low resistive
electrolyte/paper system. Together with the
TDC thermal concept, this range has very
high ripple current capability. The capa-
citor is suitable for both mobile and aircraft
applications, with operation up to 125°C.
speCifiCation
standards
IEC 60384-4 Long Life Grade 40/125/56
In accordance with CECC 30 301-809
Capacitance range
820-6800 µF
Capacitance tolerance
–20 to +20%
rated voltage
25-63 VDC
temperature range
-40 to +125°C
leakage current, i
rl (µa)
0.01 (µA) x C
R(µF) x UR(V)
operational life time
4000h at 125°C, 20 000h at 105°C
shelf life
0V +105°C 5000 h,
+40°C 10 years
diameter range
22 - 30 mm
resistance to vibrations
10 - 2000 Hz, 1.5 mm
displacement amplitude or max. 20 g 3x2 hours.
The capacitor shall be clamped by their body.
life test
4000h, 125°C
PEH 526 / 626
• designed for automotive applications
• temperature rating 125 °C
• resistance to vibrations
• low esr, high ripple current capability
d x l
Case
d1
l1
weight
code
±0.5
±1.0
approx (g)
22 x 25
AB
22
26
12
22 x 30
AC
22
31
14
25 x 25
BB
25
26
19
25 x 35
BD
25
36
24
30 x 25
CB
30
26
24
30 x 35
CD
30
36
34
dimensions table (mm)
description
3 pin snap-in radial lead
radial lead
ø0.8mm
ø1.0mm
pin length
4.0±1
24±2
24±2
Code
3
08
10
dia. mm -0+1
pin Configuration
22
25
30
35
peh526
peh626
© KEMET 2006. Reproduction, publication and dissemination of this publication, enclosures hereto and the
information contained therein without KEMET's prior express consent is prohibited.


Similar Part No. - PEH526

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PEH526 KEMET-PEH526 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
More results

Similar Description - PEH526

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PEH532 KEMET-PEH532 Datasheet
862Kb / 7P
   IEC 60384-4 Long Life Grade 40/105/56, in accordance with CECC 30 301-809
PEH534 KEMET-PEH534 Datasheet
675Kb / 5P
   IEC 60384-4 Long Life Grade 40/105/56, in accordance with CECC 30 301-809
PEH506 KEMET-PEH506 Datasheet
603Kb / 5P
   IEC 60384-4 Long Life Grade 40/85/56, in accordance with CECC 30 301-809
PEH536 KEMET-PEH536 Datasheet
780Kb / 6P
   IEC 60384-4 Long Life Grade 40/105/56, in accordance with CECC 30 301-809
PEH205 KEMET-PEH205 Datasheet
193Kb / 3P
   IEC 60384-4 Long Life Grade 55/125/56
ALC10 KEMET-ALC10 Datasheet
701Kb / 7P
   IEC 60384-4 Long Life Grade 40/85/56,
ALC42 KEMET-ALC42 Datasheet
584Kb / 5P
   IEC 60384-4 Long Life Grade 40/105/56
ALS34 KEMET-ALS34 Datasheet
606Kb / 8P
   IEC 60384-4 Long Life Grade 40/85/56
ALC40 KEMET-ALC40 Datasheet
686Kb / 6P
   IEC 60384-4 Long Life Grade 40/105/56
ALS30 KEMET-ALS30 Datasheet
496Kb / 7P
   IEC 60384-4 Long Life Grade 40/85/56
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com