Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEH536 Datasheet(PDF) 3 Page - Kemet Corporation

Part # PEH536
Description  IEC 60384-4 Long Life Grade 40/105/56, in accordance with CECC 30 301-809
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PEH536 Datasheet(HTML) 3 Page - Kemet Corporation

  PEH536 Datasheet HTML 1Page - Kemet Corporation PEH536 Datasheet HTML 2Page - Kemet Corporation PEH536 Datasheet HTML 3Page - Kemet Corporation PEH536 Datasheet HTML 4Page - Kemet Corporation PEH536 Datasheet HTML 5Page - Kemet Corporation PEH536 Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
12
peh 536
artiCle table peh 536 (105°C)
C
r
d x l
Case
i
raC *
i
raC *
esr*
esr*
article
pin
code
105°C
40°C
20°C
20°C
code
configuration
100 hz
20 khz
100 hz
100 khz
µf
mm
a
a
m
W
m
W
2o0 vdC (u
r )
220
22 x 30
AC
0.71
5.4
550
270
PEH536RAC3220M2
270
25 x 30
BC
0.82
5.9
460
220
PEH536RBC3270M2
330
22 x 40
AE
0.93
7.2
370
180
PEH536RAE3330M2
330
25 x 35
BD
0.95
6.9
370
190
PEH536RBD3330M2
470
22 x 50
AG
1.2
8.8
260
130
PEH536RAG3470M2
470
25 x 40
BE
1.2
8.1
270
130
PEH536RBE3470M2
560
25 x 45
BF
1.3
9.1
220
110
PEH536RBF3560M2
560
30 x 35
CD
1.4
10.4
220
110
PEH536RCD3560M2
680
25 x 50
BG
1.5
10.0
180
93
PEH536RBG3680M2
680
30 x 40
CE
1.6
11.8
180
88
PEH536RCE3680M2
680
35 x 35
DD
1.6
11.5
180
90
PEH536RDD3680M2
820
30 x 45
CF
1.8
13.3
150
73
PEH536RCF3820M2
820
35 x 35
DD
1.8
11.8
150
77
PEH536RDD3820M2
1000
30 x 50
CG
2.0
14.8
120
61
PEH536RCG4100M2
1000
35 x 40
DE
2.0
13.5
130
63
PEH536RDE4100M2
1200
35 x 50
DG
2.3
16.2
100
52
PEH536RDG4120M2
150
22 x 30
AC
0.62
5.3
660
280
PEH536SAC3150M2
220
22 x 40
AE
0.81
7.0
450
190
PEH536SAE3220M2
220
25 x 30
BC
0.79
6.0
460
200
PEH536SBC3220M2
270
25 x 35
BD
0.91
7.1
370
160
PEH536SBD3270M2
330
25 x 40
BE
1.0
8.1
300
130
PEH536SBE3330M2
330
30 x 30
CC
1.1
8.8
300
130
PEH536SCC3330M2
390
25 x 45
BF
1.2
9.0
260
110
PEH536SBF3390M2
470
25 x 50
BG
1.3
9.9
210
96
PEH536SBG3470M2
470
30 x 40
CE
1.4
11.7
210
91
PEH536SCE3470M2
560
30 x 45
CF
1.6
13.1
180
76
PEH536SCF3560M2
680
30 x 50
CG
1.8
14.5
150
63
PEH536SCG3680M2
680
35 x 40
DE
1.8
13.4
150
66
PEH536SDE3680M2
820
35 x 45
DF
2.0
15.0
120
55
PEH536SDF3820M2
1000
35 x 50
DG
2.3
16.5
100
46
PEH536SDG4100M2
100
22 x 30
AC
0.56
3.9
1000
600
PEH536UAC3100M2
100
25 x 25
BB
0.56
3.7
1100
620
PEH536UBB3100M2
120
22 x 35
AD
0.64
4.5
870
500
PEH536UAD3120M2
150
22 x 40
AE
0.74
5.2
700
400
PEH536UAE3150M2
150
25 x 30
BC
0.72
4.7
710
410
PEH536UBC3150M2
180
22 x 45
AF
0.84
5.8
580
340
PEH536UAF3180M2
220
22 x 50
AG
0.95
6.5
480
280
PEH536UAG3220M2
220
25 x 40
BE
0.95
6.2
480
280
PEH536UBE3220M2
270
25 x 50
BG
1.1
7.4
390
230
PEH536UBG3270M2
270
30 x 40
CE
1.2
8.1
390
220
PEH536UCE3270M2
330
30 x 45
CF
1.3
9.2
320
180
PEH536UCF3330M2
330
35 x 35
DD
1.3
8.7
320
190
PEH536UDD3330M2
470
35 x 40
DE
1.6
10.5
230
130
PEH536UDE3470M2
560
35 x 45
DF
1.8
11.8
190
110
PEH536UDF3560M2
560
35 x 50
DG
1.9
12.4
190
110
PEH536UDG3560M2
680
35 x 60
DI
2.2
14.3
160
91
PEH536UDI3680M2
1000
40 x 80
EM
2.9
18.5
110
63
PEH536UEM4100M4
* Maximum values
250 vdC (u
r )
350 vdC (u
r )
© KEMET 2006. Reproduction, publication and dissemination of this publication, enclosures hereto and the
information contained therein without KEMET's prior express consent is prohibited.


Similar Part No. - PEH536

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PEH536 KEMET-PEH536 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
PEH536YDI3470M3 KEMET-PEH536YDI3470M3 Datasheet
247Kb / 1P
   PEH536, Aluminum Electrolytic, 470 uF, 20%, 450 VDC, -40/105°C
10/20/2022
More results

Similar Description - PEH536

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PEH532 KEMET-PEH532 Datasheet
862Kb / 7P
   IEC 60384-4 Long Life Grade 40/105/56, in accordance with CECC 30 301-809
PEH534 KEMET-PEH534 Datasheet
675Kb / 5P
   IEC 60384-4 Long Life Grade 40/105/56, in accordance with CECC 30 301-809
PEH506 KEMET-PEH506 Datasheet
603Kb / 5P
   IEC 60384-4 Long Life Grade 40/85/56, in accordance with CECC 30 301-809
PEH526 KEMET-PEH526 Datasheet
552Kb / 4P
   IEC 60384-4 Long Life Grade 40/125/56 In accordance with CECC 30 301-809
ALC40 KEMET-ALC40 Datasheet
686Kb / 6P
   IEC 60384-4 Long Life Grade 40/105/56
ALS42 KEMET-ALS42 Datasheet
215Kb / 4P
   IEC 60384-4 Long Life Grade 40/105/56
ALC42 KEMET-ALC42 Datasheet
584Kb / 5P
   IEC 60384-4 Long Life Grade 40/105/56
ALS40 KEMET-ALS40 Datasheet
309Kb / 6P
   IEC 60384-4 Long Life Grade 40/105/56
ALC10 KEMET-ALC10 Datasheet
701Kb / 7P
   IEC 60384-4 Long Life Grade 40/85/56,
ALS34 KEMET-ALS34 Datasheet
606Kb / 8P
   IEC 60384-4 Long Life Grade 40/85/56
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com