Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42VM32100C Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS42VM32100C
Description  512K x32Bits x2Banks Low Power Synchronous DRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42VM32100C Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS42VM32100C Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42VM32100C Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42VM32100C Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42VM32100C Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42VM32100C Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42VM32100C Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42VM32100C Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42VM32100C Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS42VM32100C Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
7
IS42SM/RM/VM32100C
www.issi.com - dram@issi.com
Rev. A | Mar. 2011
1
PASR
Figure5: Extended Mode Register
Address Bus
Extended Mode Register (Ex)
0
1
2
3
4
5
6
10
9
8
7
11
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
BA
E2
E1
E0
Self Refresh Coverage
0
0
0
All Banks
0
0
1
One Bank (BA=0)
0
1
0
Reserved
0
1
1
Reserved
1
0
0
Reserved
1
0
1
Half of One Bank (BA=0, Row Address MSB=0)
1
1
0
Quarter of One Bank (BA=0, Row Address 2 MSB=0)
1
1
1
Reserved
Note: E11(BA) must be set to “1” to select Extend Mode Register (vs. the base Mode Register)
E6
E5
Driver Strength
0
0
Full Strength
0
1
1/2 Strength
1
0
1/4 Strength
1
1
1/8 Strength
0
0
0
0
DS
TCSR
E4
E3
Maximum Case
Temp.
0
0
85°
0
1
70°
1
0
45°
1
1
Auto


Similar Part No. - IS42VM32100C

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VM32100D ISSI-IS42VM32100D Datasheet
839Kb / 33P
   Auto refresh and self refresh
IS42VM32100D-6BLI ISSI-IS42VM32100D-6BLI Datasheet
846Kb / 34P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
IS42VM32100D-75BLI ISSI-IS42VM32100D-75BLI Datasheet
846Kb / 34P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
More results

Similar Description - IS42VM32100C

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VM16100G ISSI-IS42VM16100G Datasheet
563Kb / 29P
   512K x16Bits x2Banks Low Power Synchronous DRAM
IS42SM16200C ISSI-IS42SM16200C Datasheet
511Kb / 33P
   1M x16Bits x2Banks Low Power Synchronous DRAM
IS42SM32200G ISSI-IS42SM32200G Datasheet
267Kb / 27P
   512K x 32Bits x 4Banks Low Power Synchronous DRAM
IS42VM32200G ISSI-IS42VM32200G Datasheet
284Kb / 27P
   512K x 32Bits x 4Banks Low Power Synchronous DRAM
logo
Emerging Memory & Logic...
RMS132AW EMLSI-RMS132AW Datasheet
231Kb / 26P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
RMS132UAW EMLSI-RMS132UAW Datasheet
239Kb / 26P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
logo
Integrated Silicon Solu...
IS42VM32100D-6BLI ISSI-IS42VM32100D-6BLI Datasheet
846Kb / 34P
   512K x 32Bits x 2Banks Low Power Synchronous DRAM
logo
AMIC Technology
A43E06321 AMICC-A43E06321 Datasheet
1Mb / 46P
   512K X 32 Bit X 2 Banks Low Power Synchronous DRAM
logo
NanoAmp Solutions, Inc.
N16D1618LPA NANOAMP-N16D1618LPA Datasheet
668Kb / 27P
   512K 횞 16 Bits 횞 2 Banks Low Power Synchronous DRAM
N16D1633LPA NANOAMP-N16D1633LPA Datasheet
668Kb / 27P
   512K 횞 16 Bits 횞 2 Banks Low Power Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com