Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS45VM81600E Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS45VM81600E
Description  128Mb Mobile Synchronous DRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS45VM81600E Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS45VM81600E Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS45VM81600E Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS45VM81600E Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS45VM81600E Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS45VM81600E Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS45VM81600E Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS45VM81600E Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS45VM81600E Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS45VM81600E Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Integrated Silicon Solution, Inc. - www.issi.com
9
Rev. A
04/08/2011
IS42VM81600E / IS42VM16800E / IS42VM32400E
IS45VM81600E / IS45VM16800E / IS45VM32400E
Burst Length
ReadandwriteaccessestotheSDRAMareburstoriented,withtheburstlengthbeingprogrammable,asshownin
MODEREGISTERDEFINITION.Theburstlengthdeterminesthemaximumnumberofcolumnlocationsthatcan
beaccessedforagivenREADorWRITEcommand.Burstlengthsof1,2,4or8locationsareavailableforboththe
sequentialandtheinterleavedbursttypes,andafull-pageburstisavailableforthesequentialtype.Thefull-pageburst
isusedinconjunctionwiththeBURSTTERMINATEcommandtogeneratearbitraryburstlengths.Reservedstates
shouldnotbeused,asunknownoperationorincompatibilitywithfutureversionsmayresult.
WhenaREADorWRITEcommandisissued,ablockofcolumnsequaltotheburstlengthiseffectivelyselected.All
accessesforthatbursttakeplacewithinthisblock,meaningthattheburstwillwrapwithintheblockifaboundaryis
reached.TheblockisuniquelyselectedbyA1-A7(x32),A1-A8(x16)orA1-A9(x8)whentheburstlengthissettotwo;
byA2-A7(x32),A2-A8(x16)orA2-A9(x8)whentheburstlengthissettofour;andbyA3-A7(x32),A3-A8(x16)or
A3-A9(x8)whentheburstlengthissettoeight.Theremaining(leastsignificant)addressbit(s)areusedtoselectthe
startinglocationwithintheblock.Full-pageburstswrapwithinthepageiftheboundaryisreached.
MODE REGISTER DEFINITION
Latency Mode
M6 M5 M4
CAS Latency
0
0
0
Reserved
0
0
1
Reserved
0
1
0
2
0
1
1
3
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Reserved
To ensure compatibility with future devices,
should program A11, A10 = "0"
Write Burst Mode
M9
Mode
0
Programmed Burst Length
1
Single Location Access
Operating Mode
M8 M7
M6-M0
Mode
0
0
Defined
Standard Operation
— —
All Other States Reserved
Burst Type
M3
Type
0
Sequential
1
Interleaved
Burst Length
M2 M1 M0
M3=0
M3=1
0
0
0
1
1
0
0
1
2
2
0
1
0
4
4
0
1
1
8
8
1
0
0
Reserved
Reserved
1
0
1
Reserved
Reserved
1
1
0
Reserved
Reserved
1
1
1
Full Page
Reserved
Reserved
Address Bus (Ax)
Mode Register (Mx)
(1)
BA1 BA0
A11 A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
BA1
BA0
Mode Register Definition
0
0
Program Mode Register
0
1
Reserved
1
0
Program Extended Mode Register
1
1
Reserved


Similar Part No. - IS45VM81600E

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS45VM16200D-6BLA1 ISSI-IS45VM16200D-6BLA1 Datasheet
806Kb / 34P
   1M x 16Bits x 2Banks Low Power Synchronous DRAM
IS45VM16200D-75BLA1 ISSI-IS45VM16200D-75BLA1 Datasheet
806Kb / 34P
   1M x 16Bits x 2Banks Low Power Synchronous DRAM
IS45VM16320D ISSI-IS45VM16320D Datasheet
550Kb / 27P
   8M x 16Bits x 4Banks Mobile Synchronous DRAM
IS45VM16800H-6BLA1 ISSI-IS45VM16800H-6BLA1 Datasheet
854Kb / 34P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS45VM16800H-75BLA1 ISSI-IS45VM16800H-75BLA1 Datasheet
854Kb / 34P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
More results

Similar Description - IS45VM81600E

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42SM81600E ISSI-IS42SM81600E Datasheet
418Kb / 25P
   128Mb Mobile Synchronous DRAM
IS42S81600F ISSI-IS42S81600F Datasheet
1,005Kb / 62P
   128Mb SYNCHRONOUS DRAM
logo
List of Unclassifed Man...
IS42S16800E-6TLI-TR ETC-IS42S16800E-6TLI-TR Datasheet
971Kb / 61P
   128Mb SYNCHRONOUS DRAM
logo
Integrated Silicon Solu...
IS42S32400F ISSI-IS42S32400F Datasheet
1Mb / 60P
   128Mb SYNCHRONOUS DRAM
logo
Eorex Corporation
EM488M1644VTD EOREX-EM488M1644VTD Datasheet
1Mb / 18P
   128Mb (2Mx4Bankx16) Synchronous DRAM
EM484M3244VBA EOREX-EM484M3244VBA Datasheet
690Kb / 17P
   128Mb (1M횞4Bank횞32) Synchronous DRAM
EM484M3244VTC EOREX-EM484M3244VTC Datasheet
281Kb / 18P
   128Mb (1M횞4Bank횞32) Synchronous DRAM
EM488M1644VBB EOREX-EM488M1644VBB Datasheet
252Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644LBA EOREX-EM488M1644LBA Datasheet
626Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM484M3244VTA EOREX-EM484M3244VTA Datasheet
678Kb / 17P
   128Mb (1M횞4Bank횞32) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com