Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5215CX533 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS5215CX533
Description  300mA Low Noise LDO Voltage Regulator with Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5215CX533 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS5215CX533 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5215CX533 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5215CX533 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5215CX533 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5215CX533 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5215CX533 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5215CX533 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS5215CX533 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS5215CX533 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TS5215
300mA Low Noise LDO
Voltage Regulator with Enable
4/9
Version: B07
Application Information
Enable Input
TS5215 series feature an active-high (>2V) enable (EN) input that allows ON/OFF control of the regulator. Current
drain reduces to “zero” when the device is shutdown, with only micro-amperes of leakage current. The EN is
compatible with CMOS logic interfacing. EN may be directly tied to VIN and pulled up to the maximum supply voltage.
Input Capacitor Requirement
An input capacitor of 0.1uF or greater is recommended when the device is more than 10” away from the bulk AC
supply capacitance or when the supply is a battery.
Output Capacitor Requirement
The TS5215 series requires an output capacitor to maintain stability and improve transient response is necessary.
2.2uF minimum is recommended. Larger values improve the regulator’s transient response. The output capacitor
value may be increased without limit.
The output capacitor should have an ESR (effective series resistance) less than 5Ω and a resonant frequency above
1MHz. Ultra low ESR capacitors can cause a low amplitude oscillation on the output and/or under damped transient
response. Most of tantalum or aluminum electrolytic capacitors are adequate; film types will work. Since many
aluminum electrolytic have electrolytes that freeze at about –30
oC, solid tantalums are recommended for operation
below –25
oC. At lower values of output current, less output capacitance is required for output stability. The capacitor
can be reduced to 0.47uF for current below 10mA or 0.33uF for currents below 1mA.
Reference Bypass Capacitor
Bypass is connected to the internal voltage reference. A 470pF capacitor (CBYPASS) connected from Bypass to
Ground quiets this reference, providing a significant reduction in output noise. CBYPASS reduces the regulator phase
margin; when using CBYPASS, output capacitors of 2.2uF or greater are generally required to maintain stability.
The star up speed of the TS5215 is inversely proportional to the size of the reference bypass capacitor. Applications
requiring a slow ramp up of output voltage should consider larger values of CBYPASS. Likewise, if rapid turn on is
necessary, consider omitting CBYPASS. If output noise is not a major concern, omitted CBYPASS and leave Bypass open.
No Load Stability
The TS5215 series will remain stable and in regulation with no load, unlike many other voltage regulators. This is
especially important in CMOS RAM keep alive applications.
Adjustable Regulator Design
The adjustable regulator versions can be adjusted to a specific output voltage by using two external resistors to
programming the output voltage anywhere between 1.25 and the 8V maximum operating rating of the family.
Two resistors are used. Resistors can be quite large up to 470kΩ, because of the very high input impedance and low
bias current of the sense comparator, the resistor values are calculated by:
A capacitor from Adjust to Ground provides greatly improved noise performance.
COUT
2.2uF
on
off
EN
R1
R2
VIN
VOUT
CBYP
470pF
TS5215CX5
Adjustable Version: VOUT = 1.24 (1+R2/R1)
(Adjustable output range up to 8V)


Similar Part No. - TS5215CX533

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5215CX5 TSC-TS5215CX5 Datasheet
174Kb / 7P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX525 TSC-TS5215CX525 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX550 TSC-TS5215CX550 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX5RF TSC-TS5215CX5RF Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
More results

Similar Description - TS5215CX533

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX550 TSC-TS5215CX550 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CY533 TSC-TS5215CY533 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CS33 TSC-TS5215CS33 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX525 TSC-TS5215CX525 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215 TSC-TS5215_07 Datasheet
385Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215 TSC-TS5215 Datasheet
174Kb / 7P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CS50 TSC-TS5215CS50 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CY525 TSC-TS5215CY525 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215 TSC-TS5215_08 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com