Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CKD610JB1E333S(030D) Datasheet(PDF) 5 Page - TDK Electronics

Part # CKD610JB1E333S(030D)
Description  Multilayer Ceramic Chip Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CKD610JB1E333S(030D) Datasheet(HTML) 5 Page - TDK Electronics

  CKD610JB1E333S(030D) Datasheet HTML 1Page - TDK Electronics CKD610JB1E333S(030D) Datasheet HTML 2Page - TDK Electronics CKD610JB1E333S(030D) Datasheet HTML 3Page - TDK Electronics CKD610JB1E333S(030D) Datasheet HTML 4Page - TDK Electronics CKD610JB1E333S(030D) Datasheet HTML 5Page - TDK Electronics CKD610JB1E333S(030D) Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
(4/5)
005-02 / 20111007 / e4161_ckd.fm
• All specifications are subject to change without notice.
Please read the precautions before using this catalog.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
• For more information about the products of other capacitance or data, please contact us.
CAPACITANCE RANGES: CLASS 2
TEMPERATURE CHARACTERISTICS: JB(±10%)
TEMPERATURE CHARACTERISTICS: JB(±10%)
Capacitance
Dimension
L
×W
Thickness
T(mm)
Capacitance
tolerance
Rated
current Idc
(mA)max.
Insulation
resistance
(M
Ω)min.
DC
resistance
(
Ω)max.
Part No.
Rated voltage Edc: 50V
Rated voltage Edc: 25V
Rated voltage Edc: 16V
22pF
3212
0.85±0.15 +50, –20%
200
10000
0.6
CKD110JB1E220S(085AA)
2012
0.85±0.15 +50, –20%
400
10000
0.5
CKD510JB1H220S(085AA)
47pF
3212
0.85±0.15 +50, –20%
200
10000
0.6
CKD110JB1E470S(085AA)
2012
0.85±0.15 +50, –20%
400
10000
0.5
CKD510JB1H470S(085AA)
100pF
3212
0.85±0.15 +50, –20%
200
10000
0.6
CKD110JB1E101S(085AA)
2012
0.85±0.15 +50, –20%
400
10000
0.5
CKD510JB1H101S(085AA)
220pF
3212
0.85±0.15 +50, –20%
200
10000
0.6
CKD110JB1E221S(085AA)
2012
0.85±0.15 +50, –20%
400
10000
0.5
CKD510JB1H221S(085AA)
470pF
3212
0.85±0.15 +50, –20%
200
10000
0.6
CKD110JB1E471S(085AA)
2012
0.85±0.15 +50, –20%
400
10000
0.5
CKD510JB1H471S(085AA)
1nF
3212
0.85±0.15 +50, –20%
200
10000
0.6
CKD110JB1E102S(085AA)
2012
0.85±0.15 +50, –20%
400
10000
0.5
CKD510JB1H102S(085AA)
2.2nF
3212
0.85±0.15 +50, –20%
200
10000
0.6
CKD110JB1E222S(085AA)
2012
0.85±0.15 +50, –20%
400
10000
0.5
CKD510JB1H222S(085AA)
4.7nF
3212
0.85±0.15 +50, –20%
200
10000
0.6
CKD110JB1E472S(085AA)
2012
0.85±0.15 +50, –20%
400
10000
0.5
CKD510JB1H472S(085AA)
10nF
3212
0.85±0.15 +50, –20%
500
10000
0.3
CKD110JB1E103S(085AA)
2012
0.85±0.15 +50, –20%
1000
10000
0.08
CKD510JB1E103S(085AA)
22nF
3212
0.85±0.15 +50, –20%
500
10000
0.3
CKD110JB1E223S(085AA)
2012
0.85±0.15 +50, –20%
1000
10000
0.08
CKD510JB1E223S(085AA)
47nF
3212
0.85±0.15 +50, –20%
500
10000
0.3
CKD110JB1E473S(085AA)
2012
0.85±0.15 +50, –20%
1000
10000
0.08
CKD510JB1E473S(085AA)
100nF
3212
0.85±0.15 +50, –20%
500
5000
0.3
CKD110JB1E104S(085AA)
1.60
+50, –20%
2000
1000
0.04
CKD310JB1C104S(160AA)
2012
0.85±0.15 +50, –20%
1000
5000
0.08
CKD510JB1E104S(085AA)
1608
0.80±0.10 +50, –20%
2000
1000
0.03
CKD610JB1E104S(080AA)
0.60±0.10 +50, –20%
2000
5000
0.012
CKD61BJB1E104S(060AA)
220nF
3216
1.60
+50, –20%
2000
455
0.04
CKD310JB1C224S(160AA)
1608
0.80±0.10 +50, –20%
2000
455
0.03
CKD610JB1C224S(080AA)
0.60±0.10 +50, –20%
2000
2273
0.012
CKD61BJB1C224S(060AA)
470nF
3216
1.60
+50, –20%
2000
213
0.04
CKD310JB1C474S(160AA)
2012
0.85±0.15 +50, –20%
2000
213
0.03
CKD510JB1C474S(085AA)
1µF
3216
1.60
+50, –20%
2000
100
0.04
CKD310JB1C105S(160AA)
Capacitance
Dimension
L
×W
Thickness
T(mm)
Capacitance
tolerance
Rated
current Idc
(mA)max.
Insulation
resistance
(M
Ω)min.
DC
resistance
(
Ω)max.
Part No.
Rated voltage Edc: 10V
Rated voltage Edc: 6.3V
470nF
1608
0.80±0.10 +50, –20%
2000
213
0.04
CKD610JB0J474S(080AA)
0.60±0.10 +50, –20%
2000
213
0.03
CKD61BJB0J474S(060AA)
1005
0.30±0.05 +50, –20%
2000
213
0.03
CKD710JB0J474S(030AB)
1µF
2012
0.85±0.15 +50, –20%
2000
100
0.012
CKD510JB1A105S(085AA)
1608
0.80±0.10 +50, –20%
2000
100
0.012
CKD610JB0J105S(080AA)
0.60±0.10 +50, –20%
2000
100
0.03
CKD61BJB0J105S(060AA)
2.2µF
2012
0.85±0.15 +50, –20%
2000
45
0.012
CKD510JB1A225S(085AB)
1608
0.80±0.10 +50, –20%
2000
45
0.012
CKD610JB0J225S(080AA)
4.7µF
2012
0.85±0.15 +50, –20%
3000
21
0.012
CKD510JB1A475S(085AB)
1608
0.60±0.10 +50, –20%
2000
21
0.012
CKD61BJB0J475S(060AC)
10µF
2012
0.85±0.15 +50, –20%
4000
10
0.012
CKD510JB0J106S(085AB)
22µF
3216
1.60
+50, –20%
4000
4.5
0.012
CKD310JB0J226S(160AB)
2012
0.85±0.15 +50, –20%
4000
4.5
0.012
CKD510JB0J226S(085AC)


Similar Part No. - CKD610JB1E333S(030D)

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKD610JB TDK-CKD610JB Datasheet
895Kb / 7P
   Multilayer Ceramic Chip Capacitors
CKD610JB TDK-CKD610JB Datasheet
895Kb / 7P
   Multilayer Ceramic Chip Capacitors Commercial Grade Three-terminal Feed-through Type
CKD610JB0J475M060A TDK-CKD610JB0J475M060A Datasheet
895Kb / 7P
   Multilayer Ceramic Chip Capacitors Commercial Grade Three-terminal Feed-through Type
CKD610JB0J475M060AA TDK-CKD610JB0J475M060AA Datasheet
895Kb / 7P
   Multilayer Ceramic Chip Capacitors Commercial Grade Three-terminal Feed-through Type
CKD610JB0J475S060A TDK-CKD610JB0J475S060A Datasheet
895Kb / 7P
   Multilayer Ceramic Chip Capacitors Commercial Grade Three-terminal Feed-through Type
More results

Similar Description - CKD610JB1E333S(030D)

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com