Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS39301CM525 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS39301CM525
Description  3A Ultra Low Dropout Voltage Regulator with Multi-Function
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39301CM525 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS39301CM525 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39301CM525 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39301CM525 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39301CM525 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39301CM525 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39301CM525 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39301CM525 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39301CM525 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39301CM525 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TS39300/1/2/3
3A Ultra Low Dropout Voltage Regulator
with Multi-Function
3/12
Version: B07
Electrical Characteristics (Continue)
Flag Output (TS39301)
Output Leakage Current
VOH=16V
--
--
2
uA
Output Low Voltage (Note 9)
VIN=0.9 * VOUT, IOL=250uA
--
--
400
mV
Upper Threshold Voltage
% of VOUT
--
--
99
%
Lower Threshold Voltage
% of VOUT
93
--
--
%
Hysteresis
--
1
--
%
Thermal Performance
Condition
Package type
Typ
Unit
TO-220 / TO-220-5L
80
Thermal Resistance
Junction to Case
TO-263 / TO-263-5L
80
oC/W
Note 1. Exceeding the absolute maximum ratings may be damaged the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handling precautions recommended.
Note 4. PD(max) = (TJ(max) - Ta) + ӨJA, where ӨJA depends upon the printed circuit layout. See ”Applications Information”.
Note 5. Output voltage temperature coefficient is ΔVOUT (worst case)+(TJ(max) – TJ(MIN)) where TJ(max) is +125
oC and TJMIN) is
-40
oC.
Note 6. VDROP = VIN - VOUT when VOUT decreases to 99% of its nominal output voltage with VIN = VOUT + 1. For output
voltages below 2.5V, dropout voltage is the input-to-output voltage differential with the minimum input voltage
being 2.5V. Minimum input operating voltage is 2.5V
Note 7. IGND is the quiescent current. IIN = IGND + IOUT
Note 8. VEN <0.8V, VIN <8V and VOUT =0
Note 9. For 1.8V device, VIN = 2.25V (device is in dropout)
Pin Description
Pin Configuration
Pin Description
Enable
TTL/COMS compatible input. Logic high is enable; logic low or open is shutdown
Input
Unregulated input: +16V maximum supply
Ground
Ground: Ground pin and TAB / heat sink are internally connected.
Output
Regulator output
Flag (fixed voltage)
Error Flag (output): Open-collector output. Active low indicates an output fault condition,
if no used, leave open.
Feed Back (adjustable)
Adjustment input: Feedback input. Connect to resistive voltage-divider network.
Sense
Sense pin is the input to the error amplifier


Similar Part No. - TS39301CM525

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39301CM5 TSC-TS39301CM5 Datasheet
502Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39301CM518 TSC-TS39301CM518 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39301CM533 TSC-TS39301CM533 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39301CM550 TSC-TS39301CM550 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39301CM5RN TSC-TS39301CM5RN Datasheet
721Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
More results

Similar Description - TS39301CM525

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39301CM550 TSC-TS39301CM550 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39303CM550 TSC-TS39303CM550 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CM50 TSC-TS39300CM50 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CZ18 TSC-TS39300CZ18 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CZ50 TSC-TS39300CZ50 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300 TSC-TS39300_08 Datasheet
721Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CM33 TSC-TS39300CM33 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300 TSC-TS39300_07 Datasheet
502Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39303CM533 TSC-TS39303CM533 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39301CM518 TSC-TS39301CM518 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39301CM533 TSC-TS39301CM533 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com