Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS39500CZ25 Datasheet(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Part # TS39500CZ25
Description  1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39500CZ25 Datasheet(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

Back Button TS39500CZ25 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39500CZ25 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39500CZ25 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39500CZ25 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39500CZ25 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39500CZ25 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39500CZ25 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS39500CZ25 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS39500CZ25 Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TS39500/1/2
1.5A Ultra Low Dropout Voltage Regulator
with Multi-Function
7/12
Version: B07
Application Information (Continue)
Thermal Characteristics
TS39500/1/2 linear regulators are simple to use, the most complicated design parameters to consider are thermal
characteristics, thermal design requires the following application specification parameters:
Maximum ambient temperature, TA
Output current, IOUT
Output voltage, VOUT
Input voltage, VIN
Calculate the power dissipation of the regulator from these numbers and the device parameters from this datasheet,
where the ground current is taken from data sheet.
PD = (VIN – VOUT) x IOUT + VIN x IGND
The heat sink thermal resistance is determined by:
ӨSA = (TJ(MAX) – TA) / PD – (ӨJC + ӨCS)
Where
TJ(MAX) ≤ 125oC and ӨCS is between 0oC and 2oC/W. The heat sink may by significantly reduced in
applications where the minimum input voltage is know and is large compared with the dropout voltage and distribute
the heat between this resistor and the regulator. The low dropout properties of vertical PNP regulators allow
significant reductions in regulator power dissipation and the associated heat sink without compromising performance.
When this technique is employed, a capacitor of at least 1uF is needed directly between the input and regulator
ground.
Typical Application Circuit
2.5V/5A Regulator
2.5V/5A Regulator with Error Flag


Similar Part No. - TS39500CZ25

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39500CZ TSC-TS39500CZ Datasheet
501Kb / 12P
   5A Ultra Low Dropout Positive Voltage Regulator
TS39500CZ18 TSC-TS39500CZ18 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZ33 TSC-TS39500CZ33 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZ50 TSC-TS39500CZ50 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZC0 TSC-TS39500CZC0 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
More results

Similar Description - TS39500CZ25

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39153CZ550 TSC-TS39153CZ550 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZ18 TSC-TS39500CZ18 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CZ518 TSC-TS39501CZ518 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CZ525 TSC-TS39501CZ525 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39150 TSC-TS39150_08 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZ50 TSC-TS39500CZ50 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CM550 TSC-TS39501CM550 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS29150 TSC-TS29150_07 Datasheet
468Kb / 11P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39150CZ18 TSC-TS39150CZ18 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39153CZ518 TSC-TS39153CZ518 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZ33 TSC-TS39500CZ33 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com