Electronic Components Datasheet Search |
|
TS39500CZ25 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd |
|
TS39500CZ25 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd |
1 / 12 page TS39500/1/2 1.5A Ultra Low Dropout Voltage Regulator with Multi-Function 1/12 Version: B07 TO-220 TO-263 (D 2PAK) TO-220-5L TO-263-5L (D 2PAK) General Description TS39500/1/2 are 5A ultra low dropout linear voltage regulators that provide low voltage, high current output with a minimum of external components. TS39500/1/2/3 offers extremely low dropout (typically 400mV at 5A) and low quiescent current (typically 36mA at 5A). TS39500/1/2 is ideal for PC add-in cards that need to convert from standard 3.3V to 2.5V or 2.5V to 1.8V. A guaranteed maximum dropout voltage of 500mV over all operating conditions allows the TS39501/2 to provide 2.5V from a supply as low as 3V, and 1.8V from a supply as low as 2.5V. TS39500/1/2 also has fast transient response for heavy switching applications. The device requires only 47uF of output capacitor to maintain stability and achieve fast transient response. On TS39500/1/2, the enable pin may be tied to input voltage if it is not required for enable control. Features ● Dropout voltage typically 0.4V @ Io=5A ● Output Current up to 5A ● Low Ground Current ● Extremely Fast Transient Response ● Current Limit & Thermal Shutdown ● Reversed Leakage & Reverse Battery Protection ● Error Flag Signals Output (TS39501 only) ● Adjustable Version (TS39502 only) Application ● PowerPC TM Power Supplies ● Battery Powered Equipment ● Consumer and Personal Electronics ● High Efficiency Linear Power Supplies ● SMPS Post Regulator and DC to DC Modules ● High-efficiency Post Regulator for Switching Supply ● Low Voltage Microcontrollers and Digital Logic Ordering Information Part No. Package Packing TS39500CZxx C0 TO-220 50pcs / Tube TS39500CMxx RN TO-263 800pcs / 13” Reel TS39501CZ5xx C0 TO-220-5L 50pcs / Tube TS39501CM5xx RN TO-263-5L 800pcs / 13” Reel TS39502CZ5 C0 TO-220-5L 50pcs / Tube TS39502CM5 RN TO-263-5L 800pcs / 13” Reel Note: Where xx denotes voltage option, available are 50=5V, 33=3.3V, 25=2.5V, 18=1.8V Contact to factory for addition output voltage option. Pin Definition: TS39501xx TS39502 1. Enable 1. Enable 2. Input 2. Input 3. Ground 3. Ground 4. Output 4. Output 5. Flag 5. Adjust Pin Definition: TS39500 1. Input 2. Ground (tab) 3. Output |
Similar Part No. - TS39500CZ25 |
|
Similar Description - TS39500CZ25 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |