Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKD06N60R Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IKD06N60R
Description  ?쏳C-D Fast?? RC-Drives IGBT optimized for high switching frequency
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKD06N60R Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IKD06N60R Datasheet HTML 2Page - Infineon Technologies AG IKD06N60R Datasheet HTML 3Page - Infineon Technologies AG IKD06N60R Datasheet HTML 4Page - Infineon Technologies AG IKD06N60R Datasheet HTML 5Page - Infineon Technologies AG IKD06N60R Datasheet HTML 6Page - Infineon Technologies AG IKD06N60R Datasheet HTML 7Page - Infineon Technologies AG IKD06N60R Datasheet HTML 8Page - Infineon Technologies AG IKD06N60R Datasheet HTML 9Page - Infineon Technologies AG IKD06N60R Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
RC-Drives
Cost-Optimized IGBT for Consumer Drive Application
6
Part
number
Package
Type
Power
[W]
Switching
frequency
VCE
[V]
IC [A]
VCEsat [V]
Ets [mJ]
tSC
[s]
VF [V]
Qrr [µC]
25°
100°C 25°C
175°C 25°C
175°C
25°C 175°C 25°C 175°C
IKD03N60RF D-PAK
40..80
4..30 kHz 600 5
2.5
2.2
2.3
0.09
0.14
5
2.1
2.0
0.06
0.19
IKD04N60RF D-PAK
80..150
4..30 kHz 600 8
4
2.2
2.3
0.11
0.19
5
2.1
2.0
0.09
0.26
IKD06N60RF D-PAK
150..250 4..30 kHz 600 12
6
2.2
2.3
0.18
0.28
5
2.1
2.0
0.16
0.34
IKD10N60RF D-PAK
250-600 4..30 kHz 600 20
10
2.2
2.3
0.35
0.52 5
2.1
2.0
0.27
0.62
IKD15N60RF D-PAK
600..1000 4..30 kHz 600 30
15
2.2.
2.3
0.52
0.78
5
2.1
2.0
0.42
1.00
IKU04N60R I-PAK
80..150
DC..5 kHz 600 8
4
1.65
1.85
0.24
0.4
5
1.7
1.7
0.22
0.52
IKD04N60R D-PAK
IKU06N60R I-PAK
150-250 DC..5 kHz 600 12
6
1.65
1.85
0.33
0.56
5
1.7
1.7
0.37
0.80
IKD06N60R D-PAK
IKU10N60R I-PAK
250-600 DC..8kHz 600 20
10
1.65
1.85
0.59
0.93
5
1.7
1.7
0.56
1.22
IKD10N60R D-PAK
IKU15N60R I-PAK
600-1000 DC..8kHz 600 30
15
1.65
1.85
0.9
1.25
5
1.7
1.7
0.76
1.7
IKD15N60R D-PAK
Table 1: Product specification for RC-Drives and RC-Drives Fast


Similar Part No. - IKD06N60R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKD06N60R INFINEON-IKD06N60R Datasheet
368Kb / 2P
   RC-Drive and RC-Drive Fast
09 / 2012
IKD06N60R INFINEON-IKD06N60R Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.5,2014-03-12
IKD06N60RA INFINEON-IKD06N60RA Datasheet
2Mb / 16P
   TRENCHSTOPTM RC-Series for hard switching applications
Rev.2.1,2012-10-25
IKD06N60RC2 INFINEON-IKD06N60RC2 Datasheet
1Mb / 16P
   Cost effective monolithically integrated IGBT with Diode
V2.1 2020-09-28
IKD06N60RF INFINEON-IKD06N60RF Datasheet
368Kb / 2P
   RC-Drive and RC-Drive Fast
09 / 2012
More results

Similar Description - IKD06N60R

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7474A AOSMD-AON7474A Datasheet
333Kb / 6P
   Optimized for fast-switching applications
logo
International Rectifier
IRG7RC07SDPBF IRF-IRG7RC07SDPBF Datasheet
299Kb / 11P
   Optimized for line frequency, 50/60Hz switching frequency
logo
IXYS Corporation
IXGA12N120A2 IXYS-IXGA12N120A2 Datasheet
584Kb / 5P
   IGBT Optimized for switching up to 5KHz
IXGA14N120B IXYS-IXGA14N120B Datasheet
156Kb / 5P
   IGBT Optimized for switching up to 35 KHz
IXGN200N60A2 IXYS-IXGN200N60A2 Datasheet
558Kb / 5P
   Optimized for Switching
logo
Microsemi Corporation
1N270 MICROSEMI-1N270 Datasheet
63Kb / 1P
   Optimized for Radio Frequency Response
1N34A MICROSEMI-1N34A Datasheet
61Kb / 1P
   Optimized for Radio Frequency Response
1N100A MICROSEMI-1N100A Datasheet
62Kb / 1P
   Optimized for Radio Frequency Response
1N34A MICROSEMI-1N34A Datasheet
62Kb / 1P
   Optimized for Radio Frequency Response
1N60A MICROSEMI-1N60A Datasheet
57Kb / 1P
   Optimized for Radio Frequency Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com