Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD3408GA Datasheet(PDF) 5 Page - Sony Corporation

Part # CXD3408GA
Description  Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3408GA Datasheet(HTML) 5 Page - Sony Corporation

  CXD3408GA Datasheet HTML 1Page - Sony Corporation CXD3408GA Datasheet HTML 2Page - Sony Corporation CXD3408GA Datasheet HTML 3Page - Sony Corporation CXD3408GA Datasheet HTML 4Page - Sony Corporation CXD3408GA Datasheet HTML 5Page - Sony Corporation CXD3408GA Datasheet HTML 6Page - Sony Corporation CXD3408GA Datasheet HTML 7Page - Sony Corporation CXD3408GA Datasheet HTML 8Page - Sony Corporation CXD3408GA Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
– 5 –
CXD3408GA
CCD signal processor block digital GND.
CCD signal processor block analog GND.
CCD signal processor block analog power supply.
CCD signal processor block analog power supply.
CCD signal processor block digital GND.
CCD signal processor block digital GND.
CCD signal processor block digital power supply.
Pulse input for horizontal and vertical blanking period pulse cleaning. (Schmitt trigger)
CCD data level sample-and-hold pulse input. (Schmitt trigger)
CCD precharge level sample-and-hold pulse input. (Schmitt trigger)
Clock input for analog/digital conversion. (Schmitt trigger)
CCD optical black signal clamp pulse input. (Schmitt trigger)
CCD dummy signal clamp pulse input. (Schmitt trigger)
Pulse output for horizontal and vertical blanking period pulse cleaning.
CCD data level sample-and-hold pulse output.
CCD precharge level sample-and-hold pulse output.
Clock output for analog/digital conversion.
CCD optical black signal clamp pulse output.
CCD dummy signal clamp pulse output.
Sample-and-hold pulse output for analog/digital conversion phase alignment.
Timing generator block digital power supply. (Power supply for CDS block)
Timing generator block 3.0 to 5.0V power supply. (Power supply for H1/H2)
Inverter input.
Inverter output.
Timing generator block digital GND.
Timing generator block digital GND.
CCD horizontal register clock output.
CCD horizontal register clock output.
Inverter output for oscillation. When not used, leave open or connect a capacitor.
System clock output for signal processor IC.
Timing generator block digital power supply. (Power supply for common logic block)
Timing generator block digital power supply. (Power supply for RG)
CCD reset gate pulse output.
Timing generator block digital GND.
Inverter input for oscillation. When not used, fix to low.
E3
E7
E8
E9
F1
F2
F3
F7
F8
F9
G1
G2
G3
G7
G8
G9
H1
H2
H3
H7
H8
H9
J1
J2
J3
J7
J8
J9
K1
K2
K3
K7
K8
K9
L1
DVSS1
AVSS2
AVDD2
AVDD1
DVSS2
DVSS3
DVDD2
PBLKI
XSHDI
XSHPI
ADCLKI
CLPOBI
CLPDMI
PBLK
XSHD
XSHP
ADCLK
CLPOB
CLPDM
XRS
VDD4
VDD3
CKI
CKO
VSS5
VSS3
H1
H2
OSCO
MCKO
VDD5
VDD2
RG
VSS2
OSCI
I
I
I
I
I
I
O
O
O
O
O
O
O
I
O
O
O
O
O
O
I
Pin
No.
Symbol
I/O
Description


Similar Part No. - CXD3408GA

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD3400 SONY-CXD3400 Datasheet
84Kb / 8P
   6-channel CCD Vertical Clock Driver
CXD3400N SONY-CXD3400N Datasheet
84Kb / 8P
   6-channel CCD Vertical Clock Driver
CXD3406GA SONY-CXD3406GA Datasheet
384Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
More results

Similar Description - CXD3408GA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXD3423GA ETC-CXD3423GA Datasheet
531Kb / 54P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
logo
Sony Corporation
CXD3412GA SONY-CXD3412GA Datasheet
383Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3406GA SONY-CXD3406GA Datasheet
384Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3410GA SONY-CXD3410GA Datasheet
403Kb / 49P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3422GA SONY-CXD3422GA Datasheet
525Kb / 54P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD2497R SONY-CXD2497R Datasheet
387Kb / 35P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3619R SONY-CXD3619R Datasheet
37Kb / 2P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3605R SONY-CXD3605R Datasheet
344Kb / 36P
   Timing Generator for Frame Readout CCD Image Sensor
CXD2498R SONY-CXD2498R Datasheet
554Kb / 51P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3615R SONY-CXD3615R Datasheet
461Kb / 43P
   Timing Generator for Frame Readout CCD Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com