Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2222AHR Datasheet(PDF) 5 Page - STMicroelectronics

Part # 2N2222AHR
Description  Hi-Rel 40 V - 0.8 A NPN transistor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2222AHR Datasheet(HTML) 5 Page - STMicroelectronics

  2N2222AHR Datasheet HTML 1Page - STMicroelectronics 2N2222AHR Datasheet HTML 2Page - STMicroelectronics 2N2222AHR Datasheet HTML 3Page - STMicroelectronics 2N2222AHR Datasheet HTML 4Page - STMicroelectronics 2N2222AHR Datasheet HTML 5Page - STMicroelectronics 2N2222AHR Datasheet HTML 6Page - STMicroelectronics 2N2222AHR Datasheet HTML 7Page - STMicroelectronics 2N2222AHR Datasheet HTML 8Page - STMicroelectronics 2N2222AHR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
2N2222AHR
Electrical characteristics
Doc ID 16558 Rev 9
5/18
2.2
ESCC electrical characteristics
ton
Turn-on time
VCC = 30 V
IC = 150 mA
IB1 = 15 mA
-
35ns
toff
Turn-off time
VCC = 30 V
IC = 150 mA
IB1 = -IB2 = 15 mA
-
300
ns
1.
Pulsed duration = 300 µs, duty cycle
≤ 2 %
Table 4.
JANS electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Table 5.
ESCC electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off
current (IE = 0)
VCB = 60 V
VCB= 60 V
Tamb = 150 °C
-
10
10
nA
µA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 3 V
-
10
nA
V(BR)CBO
Collector-base
breakdown voltage
(IE = 0)
IC = 100 µA
75
-
V
V(BR)CEO
(1)
Collector-emitter
breakdown voltage
(IB = 0)
IC = 30 mA
40
-
V
V(BR)EBO
Emitter-base
breakdown voltage
(IC = 0)
IE = 100 µA
6
-
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 150 mA
IB = 15 mA
-
0.3
V
VBE(sat)
(1)
Base-emitter
saturation voltage
IC = 150 mA
IB = 15 mA
0.87
1.2
V
hFE
(1)
DC current gain
IC = 0.1 mA
VCE = 10 V
IC = 10 mA
VCE = 10 V
IC = 150 mA
VCE = 10 V
IC = 500 mA
VCE = 10 V
IC = 10 mA
VCE = 10 V
Tamb = -55 °C
35
75
100
40
35
-
300
hfe
Small signal current
gain
VCE = 20 V
IC = 20 mA
f = 100 MHz
3
-10
Cobo
Output capacitance
(IE = 0)
VCB = 10 V
100 kHz
≤ f ≤1 MHz
-8
pF


Similar Part No. - 2N2222AHR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N2222A PHILIPS-2N2222A Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 29
logo
First Components Intern...
2N2222A FCI-2N2222A Datasheet
73Kb / 2P
   NPN General Purpose Transistor
logo
List of Unclassifed Man...
2N2222A ETC2-2N2222A Datasheet
278Kb / 5P
   High Speed Switching Transistor
logo
Comset Semiconductor
2N2222A COMSET-2N2222A Datasheet
84Kb / 4P
   SWITCHING SILICON TRANSISTORS
logo
STMicroelectronics
2N2222A STMICROELECTRONICS-2N2222A Datasheet
73Kb / 8P
   HIGH SPEED SWITCHES
June 1999
More results

Similar Description - 2N2222AHR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N2219AHR STMICROELECTRONICS-2N2219AHR Datasheet
133Kb / 9P
   Hi-Rel NPN bipolar transistor 40 V, 0.8 A
2N5154HR STMICROELECTRONICS-2N5154HR Datasheet
556Kb / 10P
   Hi-Rel NPN bipolar transistor 80 V - 5 A
2N5551HR STMICROELECTRONICS-2N5551HR Datasheet
286Kb / 10P
   Hi-Rel NPN bipolar transistor 160 V - 0.5 A
2N3700HR STMICROELECTRONICS-2N3700HR Datasheet
286Kb / 12P
   Hi-Rel 80 V - 1 A NPN bipolar transistor
2N3019HR STMICROELECTRONICS-2N3019HR Datasheet
166Kb / 9P
   Hi-Rel NPN bipolar transistor 80 V, 1 A
2N2920AHR STMICROELECTRONICS-2N2920AHR Datasheet
160Kb / 9P
   Hi-Rel NPN dual matched bipolar transistor 60 V - 0.03 A
2N2907AHR STMICROELECTRONICS-2N2907AHR Datasheet
363Kb / 16P
   Hi-Rel 60 V - 0.6 A PNP transistor
SOC2907A STMICROELECTRONICS-SOC2907A Datasheet
478Kb / 21P
   Hi-Rel 60 V, 0.6 A PNP transistor
2N2484HR STMICROELECTRONICS-2N2484HR Datasheet
306Kb / 12P
   Hi-Rel NPN bipolar transistor 60 V - 50 mA
2N5153HR STMICROELECTRONICS-2N5153HR Datasheet
557Kb / 10P
   Hi-Rel PNP bipolar transistor 80 V - 5 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com