Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2907AHR Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N2907AHR
Description  Hi-Rel 60 V - 0.6 A PNP transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2907AHR Datasheet(HTML) 1 Page - STMicroelectronics

  2N2907AHR Datasheet HTML 1Page - STMicroelectronics 2N2907AHR Datasheet HTML 2Page - STMicroelectronics 2N2907AHR Datasheet HTML 3Page - STMicroelectronics 2N2907AHR Datasheet HTML 4Page - STMicroelectronics 2N2907AHR Datasheet HTML 5Page - STMicroelectronics 2N2907AHR Datasheet HTML 6Page - STMicroelectronics 2N2907AHR Datasheet HTML 7Page - STMicroelectronics 2N2907AHR Datasheet HTML 8Page - STMicroelectronics 2N2907AHR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
May 2012
Doc ID 15382 Rev 3
1/16
16
2N2907AHR
Hi-Rel 60 V - 0.6 A PNP transistor
Datasheet — production data
Features
Linear gain characteristics
Hermetic packages
ESCC and JANS qualified
European preferred part list EPPL
Description
The 2N2907AHR is a silicon planar PNP
transistor specifically designed and housed in
hermetic packages for aerospace and Hi-Rel
applications. It is available in the JAN qualification
system (MIL-PRF19500 compliance) and in the
ESCC qualification system (ESCC 5000
compliance). In case of discrepancies between
this datasheet and the relevant agency
specification, the latter takes precedence.
Figure 1.
Internal schematic diagram
Parameter
Value
BVCEO
60 V
IC (max)
0.6 A
HFE at 10 V - 150 mA
> 100
TO-18
LCC-3
3
1
2
3
1
2
LCC-3UB
3
1
2
4
Pin 4 in LCC-3UB is connected to the metallic lid.
Table 1.
Device summary(1)
Order codes
Qualification
Agency spec.
Package
Radiation level
EPPL
JANS2N2907A
JANS
MIL-PRF-19500/291
LCC-3UB
-
-
2N2907AUB
ESCC
5201/001
LCC-3UB
Yes
SOC2907A
LCC-3
Yes
2N2907AHR
TO-18
-
1.
Contact ST sales office for information about the specific conditions for products in die form and other JAN quality levels.
www.st.com


Similar Part No. - 2N2907AHR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N2907AHR STMICROELECTRONICS-2N2907AHR Datasheet
478Kb / 21P
   Hi-Rel 60 V, 0.6 A PNP transistor
2N2907AHR STMICROELECTRONICS-2N2907AHR_V01 Datasheet
276Kb / 14P
   Rad-hard 60 V, 0.6 A PNP transistor
DS6095 - Rev 14 - February 2022
More results

Similar Description - 2N2907AHR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SOC2907A STMICROELECTRONICS-SOC2907A Datasheet
478Kb / 21P
   Hi-Rel 60 V, 0.6 A PNP transistor
2N2905AHR STMICROELECTRONICS-2N2905AHR Datasheet
165Kb / 8P
   Hi-Rel PNP bipolar transistor 60 V, 0.6 A
2N5153HR STMICROELECTRONICS-2N5153HR Datasheet
557Kb / 10P
   Hi-Rel PNP bipolar transistor 80 V - 5 A
2N5401HR STMICROELECTRONICS-2N5401HR Datasheet
222Kb / 10P
   Hi-Rel PNP bipolar transistor 150 V, 0.5 A
2N2907AHR STMICROELECTRONICS-2N2907AHR_V01 Datasheet
276Kb / 14P
   Rad-hard 60 V, 0.6 A PNP transistor
DS6095 - Rev 14 - February 2022
2N2920AHR STMICROELECTRONICS-2N2920AHR Datasheet
160Kb / 9P
   Hi-Rel NPN dual matched bipolar transistor 60 V - 0.03 A
2N2484HR STMICROELECTRONICS-2N2484HR Datasheet
306Kb / 12P
   Hi-Rel NPN bipolar transistor 60 V - 50 mA
2N2222AHR STMICROELECTRONICS-2N2222AHR Datasheet
429Kb / 18P
   Hi-Rel 40 V - 0.8 A NPN transistor
2N5551HR STMICROELECTRONICS-2N5551HR Datasheet
286Kb / 10P
   Hi-Rel NPN bipolar transistor 160 V - 0.5 A
2N5154HR STMICROELECTRONICS-2N5154HR Datasheet
556Kb / 10P
   Hi-Rel NPN bipolar transistor 80 V - 5 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com