Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2907AHR Datasheet(PDF) 4 Page - STMicroelectronics

Part # 2N2907AHR
Description  Hi-Rel 60 V - 0.6 A PNP transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2907AHR Datasheet(HTML) 4 Page - STMicroelectronics

  2N2907AHR Datasheet HTML 1Page - STMicroelectronics 2N2907AHR Datasheet HTML 2Page - STMicroelectronics 2N2907AHR Datasheet HTML 3Page - STMicroelectronics 2N2907AHR Datasheet HTML 4Page - STMicroelectronics 2N2907AHR Datasheet HTML 5Page - STMicroelectronics 2N2907AHR Datasheet HTML 6Page - STMicroelectronics 2N2907AHR Datasheet HTML 7Page - STMicroelectronics 2N2907AHR Datasheet HTML 8Page - STMicroelectronics 2N2907AHR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
2N2907AHR
4/16
Doc ID 15382 Rev 3
2
Electrical characteristics(a)
JANS and ESCC version of the products are assembled and tested in compliance with the
agency specification it is qualified in. The electrical characteristics of each version are
provided in dedicated tables.
Tcase = 25 °C unless otherwise specified.
2.1
JANS electrical characteristics
a.
For PNP type, voltage and current values are negative.
Table 4.
JANS electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off
current (IE = 0)
VCB = 60 V
VCB = 50 V
VCB= 50 V
Tamb = 150 °C
-
10
10
10
µA
nA
µA
ICES
Collector cut-off
current
(IE = 0)
VCE = 50 V
-
50
nA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 5 V
VEB = 4 V
-
10
50
µA
nA
V(BR)CEO
(1)
Collector-emitter
breakdown voltage
(IB = 0)
IC = 10 mA
60
-
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 150 mA
IB = 15 mA
IC = 500 mA
IB = 50 mA
-
0.4
1.6
V
V
VBE(sat)
(1)
Base-emitter
saturation voltage
IC = 150 mA
IB = 15 mA
IC=500mA
IB =50mA
0.6
1.3
2.6
V
hFE
(1)
DC current gain
IC = 0.1 mA
VCE = 10 V
IC = 1 mA
VCE = 10 V
IC = 10 mA
VCE = 10 V
IC = 150 mA
VCE = 10 V
IC = 500 mA
VCE = 10 V
IC = 10 mA
VCE = 10 V
Tamb = -55 °C
75
100
100
100
50
50
-
450
300
hfe
Small signal current
gain
VCE = 20 V
IC = 20 mA
f = 100 MHz
VCE = 10 V
IC =1 mA
f = 1 kHz
2
100
-
Cobo
Output capacitance
(IE = 0)
VCB = 10 V
100 kHz
≤ f ≤1 MHz
-8
pF


Similar Part No. - 2N2907AHR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N2907AHR STMICROELECTRONICS-2N2907AHR Datasheet
478Kb / 21P
   Hi-Rel 60 V, 0.6 A PNP transistor
2N2907AHR STMICROELECTRONICS-2N2907AHR_V01 Datasheet
276Kb / 14P
   Rad-hard 60 V, 0.6 A PNP transistor
DS6095 - Rev 14 - February 2022
More results

Similar Description - 2N2907AHR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SOC2907A STMICROELECTRONICS-SOC2907A Datasheet
478Kb / 21P
   Hi-Rel 60 V, 0.6 A PNP transistor
2N2905AHR STMICROELECTRONICS-2N2905AHR Datasheet
165Kb / 8P
   Hi-Rel PNP bipolar transistor 60 V, 0.6 A
2N5153HR STMICROELECTRONICS-2N5153HR Datasheet
557Kb / 10P
   Hi-Rel PNP bipolar transistor 80 V - 5 A
2N5401HR STMICROELECTRONICS-2N5401HR Datasheet
222Kb / 10P
   Hi-Rel PNP bipolar transistor 150 V, 0.5 A
2N2907AHR STMICROELECTRONICS-2N2907AHR_V01 Datasheet
276Kb / 14P
   Rad-hard 60 V, 0.6 A PNP transistor
DS6095 - Rev 14 - February 2022
2N2920AHR STMICROELECTRONICS-2N2920AHR Datasheet
160Kb / 9P
   Hi-Rel NPN dual matched bipolar transistor 60 V - 0.03 A
2N2484HR STMICROELECTRONICS-2N2484HR Datasheet
306Kb / 12P
   Hi-Rel NPN bipolar transistor 60 V - 50 mA
2N2222AHR STMICROELECTRONICS-2N2222AHR Datasheet
429Kb / 18P
   Hi-Rel 40 V - 0.8 A NPN transistor
2N5551HR STMICROELECTRONICS-2N5551HR Datasheet
286Kb / 10P
   Hi-Rel NPN bipolar transistor 160 V - 0.5 A
2N5154HR STMICROELECTRONICS-2N5154HR Datasheet
556Kb / 10P
   Hi-Rel NPN bipolar transistor 80 V - 5 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com