Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3700HR Datasheet(PDF) 8 Page - STMicroelectronics

Part # 2N3700HR
Description  Hi-Rel 80 V - 1 A NPN bipolar transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N3700HR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button 2N3700HR Datasheet HTML 4Page - STMicroelectronics 2N3700HR Datasheet HTML 5Page - STMicroelectronics 2N3700HR Datasheet HTML 6Page - STMicroelectronics 2N3700HR Datasheet HTML 7Page - STMicroelectronics 2N3700HR Datasheet HTML 8Page - STMicroelectronics 2N3700HR Datasheet HTML 9Page - STMicroelectronics 2N3700HR Datasheet HTML 10Page - STMicroelectronics 2N3700HR Datasheet HTML 11Page - STMicroelectronics 2N3700HR Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Package mechanical data
2N3700HR
8/12
Doc ID 15354 Rev 4
Figure 8.
LCC-3 drawings
Table 7.
LCC-3 mechanical data
Dim.
mm.
Min.
Typ.
Max.
A
1.16
1.42
C
0.45
0.50
0.56
D
0.60
0.76
0.91
E
0.91
1.01
1.12
F
1.95
2.03
2.11
G
2.92
3.05
3.17
I
2.41
2.54
2.66
J
0.42
0.57
0.72
K
1.37
1.52
1.67
L
0.40
0.50
0.60
M
2.46
2.54
2.62
N
1.80
1.90
2.00
R
0.30


Similar Part No. - 2N3700HR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3700 STMICROELECTRONICS-2N3700 Datasheet
43Kb / 4P
   GENERAL PURPOSE AMPLIFIERS
January 1989
logo
Continental Device Indi...
2N3700 CDIL-2N3700 Datasheet
261Kb / 3P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Semicoa Semiconductor
2N3700 SEMICOA-2N3700 Datasheet
31Kb / 1P
   Chip Type 2C3019 Geometry 4500 Polarity PNP
logo
Central Semiconductor C...
2N3700 CENTRAL-2N3700 Datasheet
534Kb / 1P
   Small Signal Transistors
logo
Semicoa Semiconductor
2N3700 SEMICOA-2N3700 Datasheet
45Kb / 2P
   Type 2N3700 Geometry 4500 Polarity NPN
More results

Similar Description - 2N3700HR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3019HR STMICROELECTRONICS-2N3019HR Datasheet
166Kb / 9P
   Hi-Rel NPN bipolar transistor 80 V, 1 A
2N5154HR STMICROELECTRONICS-2N5154HR Datasheet
556Kb / 10P
   Hi-Rel NPN bipolar transistor 80 V - 5 A
2N5153HR STMICROELECTRONICS-2N5153HR Datasheet
557Kb / 10P
   Hi-Rel PNP bipolar transistor 80 V - 5 A
2N5551HR STMICROELECTRONICS-2N5551HR Datasheet
286Kb / 10P
   Hi-Rel NPN bipolar transistor 160 V - 0.5 A
2N2219AHR STMICROELECTRONICS-2N2219AHR Datasheet
133Kb / 9P
   Hi-Rel NPN bipolar transistor 40 V, 0.8 A
2N2920AHR STMICROELECTRONICS-2N2920AHR Datasheet
160Kb / 9P
   Hi-Rel NPN dual matched bipolar transistor 60 V - 0.03 A
2N2484HR STMICROELECTRONICS-2N2484HR Datasheet
306Kb / 12P
   Hi-Rel NPN bipolar transistor 60 V - 50 mA
2N5401HR STMICROELECTRONICS-2N5401HR Datasheet
222Kb / 10P
   Hi-Rel PNP bipolar transistor 150 V, 0.5 A
2N2905AHR STMICROELECTRONICS-2N2905AHR Datasheet
165Kb / 8P
   Hi-Rel PNP bipolar transistor 60 V, 0.6 A
2N2222AHR STMICROELECTRONICS-2N2222AHR Datasheet
429Kb / 18P
   Hi-Rel 40 V - 0.8 A NPN transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com