Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS6045HR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS6045HR
Description  Aerospace 2 x 30 A - 45 V Schottky rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS6045HR Datasheet(HTML) 4 Page - STMicroelectronics

  STPS6045HR Datasheet HTML 1Page - STMicroelectronics STPS6045HR Datasheet HTML 2Page - STMicroelectronics STPS6045HR Datasheet HTML 3Page - STMicroelectronics STPS6045HR Datasheet HTML 4Page - STMicroelectronics STPS6045HR Datasheet HTML 5Page - STMicroelectronics STPS6045HR Datasheet HTML 6Page - STMicroelectronics STPS6045HR Datasheet HTML 7Page - STMicroelectronics STPS6045HR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Package Information
STPS6045HR
4/8
Doc ID 18184 Rev 1
2
Package Information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 2.
Metal flange mount package (TO-254(a)) 3 lead, dimension definitions
a.
The terminal identification is specified by the device configuration. See Figure 1 for terminal connections
B
A
C
D
E
ØF
G
H
ØI
J
K
K
L
ØM
N
R1
R2
1
2
3


Similar Part No. - STPS6045HR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS6045 STMICROELECTRONICS-STPS6045 Datasheet
66Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS6045C STMICROELECTRONICS-STPS6045C Datasheet
251Kb / 9P
   Power Schottky Rectifier
December 2015 Rev 8
STPS6045CP STMICROELECTRONICS-STPS6045CP Datasheet
66Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS6045CPI STMICROELECTRONICS-STPS6045CPI Datasheet
66Kb / 5P
   POWER SCHOTTKY RECTIFIER
More results

Similar Description - STPS6045HR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045HR STMICROELECTRONICS-STPS1045HR Datasheet
75Kb / 8P
   Aerospace 2 x 10 A - 45 V Schottky rectifier
STPS40100HR STMICROELECTRONICS-STPS40100HR Datasheet
82Kb / 9P
   Aerospace 2 x 20 A - 100 V Schottky rectifier
1N5819U STMICROELECTRONICS-1N5819U Datasheet
226Kb / 10P
   Aerospace 45 V power Schottky rectifier
December 2015 Rev 5
STPS20100HR STMICROELECTRONICS-STPS20100HR Datasheet
91Kb / 10P
   Aerospace 1 x 20 and 2 x 20 A - 100 V Schottky rectifier
STPS40A45CHR STMICROELECTRONICS-STPS40A45CHR Datasheet
401Kb / 11P
   Rad-Hard 2 x 20 A - 45 V Schottky rectifier
February 2020 Rev 1
STPS80A45CHR STMICROELECTRONICS-STPS80A45CHR Datasheet
208Kb / 10P
   Rad-Hard 2 x 40 A - 45 V Schottky rectifier
March 2020 - Rev 2
logo
Vishay Siliconix
60CPQ150PBF VISHAY-60CPQ150PBF Datasheet
111Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 13-Aug-08
61CTQ035PBF VISHAY-61CTQ035PBF Datasheet
109Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 13-Aug-08
63CPQ100GPBF VISHAY-63CPQ100GPBF Datasheet
115Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 13-Aug-08
63CPQ100G VISHAY-63CPQ100G Datasheet
112Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 21-Aug-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com