Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2S005T-VF144Y Datasheet(PDF) 2 Page - Microsemi Corporation

Part # M2S005T-VF144Y
Description  SmartFusion2 System-on-Chip FPGAs
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M2S005T-VF144Y Datasheet(HTML) 2 Page - Microsemi Corporation

  M2S005T-VF144Y Datasheet HTML 1Page - Microsemi Corporation M2S005T-VF144Y Datasheet HTML 2Page - Microsemi Corporation M2S005T-VF144Y Datasheet HTML 3Page - Microsemi Corporation M2S005T-VF144Y Datasheet HTML 4Page - Microsemi Corporation M2S005T-VF144Y Datasheet HTML 5Page - Microsemi Corporation M2S005T-VF144Y Datasheet HTML 6Page - Microsemi Corporation M2S005T-VF144Y Datasheet HTML 7Page - Microsemi Corporation M2S005T-VF144Y Datasheet HTML 8Page - Microsemi Corporation M2S005T-VF144Y Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 156 page
background image
SmartFusion2 System-on-Chip FPGAs
II
Re vis i on 0
Microcontroller Subsystem (MSS)
Hard 166 MHz 32-Bit ARM Cortex-M3 Processor
– 1.25 DMIPS/MHz
– 8 Kbyte Instruction Cache
– Embedded Trace Macrocell (ETM)
– Memory Protection Unit (MPU)
– Single Cycle Multiplication, Hardware Divide
– JTAG Debug (4 wires), Serial Wire Debug (SWD, 2
wires), and Serial Wire Viewer (SWV) Interfaces
64 KB Embedded SRAM (eSRAM)
Up to 512 KB Embedded Nonvolatile Memory (eNVM)
Triple Speed Ethernet (TSE) 10/100/1000 Mbps MAC
USB 2.0 High Speed On-The-Go (OTG) Controller with
ULPI Interface
CAN
Controller,
2.0B
Compliant,
Conforms
to
ISO11898-1, 32 Transmit and 32 Receive Buffers
Two Each: SPI, I2C, Multi-Mode UARTs (MMUART)
Peripherals
Hardware Based Watchdog Timer
1 General Purpose 64-Bit (or two 32-bit) Timer(s)
Real-Time Calendar/Counter (RTC)
DDR Bridge (4 Port Data R/W Buffering Bridge to DDR
Memory) with 64-Bit AXI Interface
Non-Blocking, Multi-Layer AHB Bus Matrix Allowing
Multi-Master Scheme Supporting 10 Masters and 7
Slaves
Two AHB/APB Interfaces to FPGA Fabric (master/slave
capable)
Two DMA Controllers to Offload Data Transactions from
the Cortex-M3 Processor
– 8-Channel Peripheral DMA (PDMA) for Data
Transfer Between MSS Peripherals and Memory
– High Performance DMA (HPDMA) for Data Transfer
Between eSRAM and DDR Memories
Clocking Resources
Clock Sources
– Up to Two High Precision 32 KHz to 20 MHz Main
Crystal Oscillator
– 1 MHz Embedded RC Oscillator
– 50 MHz Embedded RC Oscillator
Up to 8 Clock Conditioning Circuits (CCCs) with Up to 8
Integrated Analog PLLs
– Output Clock with 8 Output Phases and 45° Phase
Difference (Multiply/Divide, and Delay Capabilities)
– Frequency: Input 1 to 200 MHz, Output 20 to 400
MHz
High Speed Serial Interfaces
Up to 16 SERDES Lanes, Each Supporting:
– XGXS/XAUI Extension (to implement a 10 Gbps
(XGMII) Ethernet PHY interface)
– Native SERDES Interface Facilitates Implementation
of Serial RapidIO in Fabric or an SGMII Interface to
the Ethernet MAC in MSS
– PCI Express (PCIe) Endpoint Controller
x1, x2, x4 Lane PCI Express Core with 16-bit
PIPE Interface (Gen1/Gen2)
256 Bytes Maximum Payload Size
64-/32-Bit AXI/AHB Master and Slave Interfaces
to the Application Layer
High Speed Memory Interfaces
Up to 2 High Speed DDRx Memory Controllers
– MSS DDR (MDDR) and Fabric DDR (FDDR)
Controllers
– Supports LPDDR/DDR2/DDR3
– Maximum 333 MHz Clock Rate
– SECDED Enable/Disable Feature
– Supports Various DRAM Bus Width Modes, x16,
x18, x32, x36
– Supports Command Reordering to Optimize Memory
Efficiency
– Supports Data Reordering, Returning Critical Word
First for Each Command
SDRAM Support
Operating Voltage and I/Os
1.2 V Core Voltage
Multi-Standard User I/Os (MSIO/MSIOD)
– LVTTL/LVCMOS 3.3 V
– LVCMOS 1.2 V, 1.5 V, 1.8 V, 2.5 V
– DDR (SSTL2_1, SSTL2_2)
– DDR2 (SSTL18_1, SSTL18_2)
– LVDS, MLVDS, Mini-LVDS, RSDS Differential
Standards
–PCI
– LVPECL (receiver only)
DDR I/Os (DDRIO)
– DDR, DDR2, DDR3, LPDDR, SSTL2, SSTL18,
HSTL
– LVCMOS 1.2V, 1.5V, 1.8V, 2.5V


Similar Part No. - M2S005T-VF144Y

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
M2S005 MICROSEMI-M2S005 Datasheet
1Mb / 27P
   FPGA and SoC Product Catalog
More results

Similar Description - M2S005T-VF144Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
   system-on-chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
   System-on-Chip
Rev. 01-16 July 2007
logo
Cypress Semiconductor
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com