Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPU16B Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # SPU16B
Description  15W Desk Top Switching Power Supplies For I.T.E.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SPU16B Datasheet(HTML) 2 Page - Astrodyne Corporation

  SPU16B Datasheet HTML 1Page - Astrodyne Corporation SPU16B Datasheet HTML 2Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - SPU16B

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
SPU16B MPSIND-SPU16B Datasheet
329Kb / 2P
   SPU16B SERIES
SPU16B101 MPSIND-SPU16B101 Datasheet
329Kb / 2P
   SPU16B SERIES
SPU16B102 MPSIND-SPU16B102 Datasheet
329Kb / 2P
   SPU16B SERIES
SPU16B103 MPSIND-SPU16B103 Datasheet
329Kb / 2P
   SPU16B SERIES
SPU16B104 MPSIND-SPU16B104 Datasheet
329Kb / 2P
   SPU16B SERIES
More results

Similar Description - SPU16B

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SPU16C ASTRODYNE-SPU16C Datasheet
330Kb / 2P
   15W Desk Top Switching Power Supplies For I.T.E.
logo
Total Power Internation...
TPSPU16C TOTAL-POWER-TPSPU16C Datasheet
440Kb / 2P
   15W Desk Top Switching Power Supplies for I.T.E
logo
Volgen Kaga Electronics...
SPU15A-101 VOLGEN-SPU15A-101 Datasheet
392Kb / 2P
   15W Desk Top Switching Power Supplies For I.T.E.
logo
Total Power Internation...
TPSPU16E TOTAL-POWER-TPSPU16E Datasheet
283Kb / 2P
   15W Desk Top Type I.T.E. Power Supplies
TPSPU16B TOTAL-POWER-TPSPU16B Datasheet
294Kb / 2P
   15W Desk Top Type I.T.E. Power Supplies
TPSPU16D TOTAL-POWER-TPSPU16D Datasheet
351Kb / 2P
   15W Desk Top Type I.T.E. Power Supplies
logo
Volgen Kaga Electronics...
SPU50-1 VOLGEN-SPU50-1 Datasheet
327Kb / 2P
   60W Desk Top Switching Power Supplies For I.T.E.
logo
Astrodyne Corporation
SPU25A ASTRODYNE-SPU25A Datasheet
318Kb / 2P
   25W Desk Top Switching Power Supplies For I.T.E
SPU25C ASTRODYNE-SPU25C Datasheet
323Kb / 2P
   25W Desk Top Switching Power Supplies For I.T.E
logo
Volgen Kaga Electronics...
SPU45-100 VOLGEN-SPU45-100 Datasheet
411Kb / 2P
   50W Desk Top Switching Power Supplies For I.T.E.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com