Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM150DU-34KA Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # CM150DU-34KA
Description  HIGH POWER SWITCHING USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM150DU-34KA Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  CM150DU-34KA_11 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM150DU-34KA_11 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM150DU-34KA_11 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM150DU-34KA_11 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Feb. 2009
MITSUBISHI IGBT MODULES
CM150DU-34KA
HIGH POWER SWITCHING USE
PERFORMANCE CURVES
0
300
150
200
250
50
100
0
2468
10
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE VCE (V)
Tj = 25
°C
11
12
10
9
8
VGE = 20V
15
14
0
200
250
100
300
150
50
0
48
12
16
20
TRANSFER CHARACTERISTICS
(TYPICAL)
GATE-EMITTER VOLTAGE VGE (V)
VCE = 10V
Tj = 25
°C
Tj = 125
°C
6
5
4
3
1
2
0
0
250
50
100
200
150
300
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT IC (A)
VGE = 15V
Tj = 25
°C
Tj = 125
°C
10
8
6
4
2
0
20
68
12
16
10
14
18
GATE-EMITTER VOLTAGE VGE (V)
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS
(TYPICAL)
Tj = 25
°C
IC = 300A
IC = 150A
IC = 60A
100
2
3
5
7
101
2
3
5
7
102
103
2
3
5
7
12345
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
EMITTER-COLLECTOR VOLTAGE VEC (V)
Tj = 25
°C
10–1
10–1
100
2
3
5
7
101
2
3
5
7
102
2
3
5
7
2
100
35 7
2
101
35 7
2
102
35 7
CAPACITANCE–VCE
CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE VCE (V)
Cies
Coes
Cres
VGE = 0V


Similar Part No. - CM150DU-34KA_11

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM150DU-34KA POWEREX-CM150DU-34KA Datasheet
451Kb / 4P
   Dual IGBTMOD 150 Amperes/1700 Volts
logo
Mitsubishi Electric Sem...
CM150DU-34KA MITSUBISHI-CM150DU-34KA Datasheet
86Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
More results

Similar Description - CM150DU-34KA_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM200DU-24NFH MITSUBISHI-CM200DU-24NFH Datasheet
51Kb / 4P
   HIGH POWER SWITCHING USE
CM100RL-12NF MITSUBISHI-CM100RL-12NF Datasheet
56Kb / 6P
   HIGH POWER SWITCHING USE
CM400DY-24NF MITSUBISHI-CM400DY-24NF Datasheet
98Kb / 4P
   HIGH POWER SWITCHING USE
CM75TU-34KA MITSUBISHI-CM75TU-34KA Datasheet
88Kb / 4P
   HIGH POWER SWITCHING USE
CM300DU-34KA MITSUBISHI-CM300DU-34KA Datasheet
80Kb / 4P
   HIGH POWER SWITCHING USE
CM75DY-34A MITSUBISHI-CM75DY-34A Datasheet
111Kb / 5P
   HIGH POWER SWITCHING USE
CM600DU-5F MITSUBISHI-CM600DU-5F Datasheet
81Kb / 4P
   HIGH POWER SWITCHING USE
CM150RL-24NF MITSUBISHI-CM150RL-24NF Datasheet
57Kb / 6P
   HIGH POWER SWITCHING USE
CM400DU-12F MITSUBISHI-CM400DU-12F Datasheet
73Kb / 4P
   HIGH POWER SWITCHING USE
CM600HU-24F MITSUBISHI-CM600HU-24F Datasheet
67Kb / 4P
   HIGH POWER SWITCHING USE
CM150DU-24F MITSUBISHI-CM150DU-24F Datasheet
73Kb / 4P
   HIGH POWER SWITCHING USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com