Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7292 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7292
Description  40 W 40 W stereo amplifier with mute and standby
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7292 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7292 Datasheet HTML 2Page - STMicroelectronics TDA7292 Datasheet HTML 3Page - STMicroelectronics TDA7292 Datasheet HTML 4Page - STMicroelectronics TDA7292 Datasheet HTML 5Page - STMicroelectronics TDA7292 Datasheet HTML 6Page - STMicroelectronics TDA7292 Datasheet HTML 7Page - STMicroelectronics TDA7292 Datasheet HTML 8Page - STMicroelectronics TDA7292 Datasheet HTML 9Page - STMicroelectronics TDA7292 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Electrical specifications
TDA7292
6/22
Doc ID 15775 Rev 5
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Thermal data
2.3
Electrical specifications
Unless otherwise stated, the results in Table 4 below are given for the conditions:
VS =±26 V, RL (load) = 8 Ω, RS (source) = 50 Ω, f = 1 kHz, GV = 30 dB, and Tamb =25° C.
See also the test circuit in Figure 18 on page 14.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
DC supply voltage
±35
V
IO
Output peak current (internally limited)
5
A
Ptot
Power dissipation Tcase = 70°C
40
W
Top
Operating temperature
-20 to 85
°C
Tj
Junction temperature
-40 to 150
°C
Tstg
Storage temperature
-40 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Min
Typ
Max
Unit
Rth j-case Thermal resistance, junction to case
-
1.5
-
°C/W
Table 4.
Electrical specifications
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VS
Supply voltage range
-
±8
-
±33
V
Iq
Total quiescent current
-
-
50
130
mA
VOS
Output offset voltage
-
-20
-
20
mV
Ib
Non-inverting input bias current
-
-
500
-
nA
Po
Output power
THD = 10%:
RL = 8 Ω, VS = ±26 V
RL = 4 Ω, VS = ±18 V
-
40
31
-
W
THD = 1%:
RL = 8 Ω, VS = ±26 V
RL = 4 Ω, VS = ±18 V
-
30
24
-
IPeak
Peak output current
Internally limited
-
5
-
A
THD
Total harmonic distortion
Po = 1 W
-
0.02
-
%


Similar Part No. - TDA7292

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7293 STMICROELECTRONICS-TDA7293 Datasheet
342Kb / 13P
   120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7293 STMICROELECTRONICS-TDA7293 Datasheet
425Kb / 15P
   120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7293HS STMICROELECTRONICS-TDA7293HS Datasheet
425Kb / 15P
   120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7293SCHEMATIC STMICROELECTRONICS-TDA7293SCHEMATIC Datasheet
425Kb / 15P
   120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7293V STMICROELECTRONICS-TDA7293V Datasheet
342Kb / 13P
   120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
More results

Similar Description - TDA7292

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7265B STMICROELECTRONICS-TDA7265B Datasheet
814Kb / 18P
   30 W 30 W stereo amplifier with mute and standby
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
   2-W Stereo Audio Power Amplifier with Mute
logo
Unisonic Technologies
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202_15 Datasheet
351Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202_09 Datasheet
362Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202 Datasheet
311Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA6021 UTC-PA6021_15 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Sanyo Semicon Device
STK402-270 SANYO-STK402-270 Datasheet
112Kb / 4P
   Three-Channel Class AB Audio Power Amplifier IC 40 W 40 W 40 W
logo
National Semiconductor ...
LM4756 NSC-LM4756 Datasheet
675Kb / 17P
   Dual 7W Audio Power Amplifier w/Mute, Standby and Volume Control
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
   Stereo 25W Audio Power Amplifier with Mute and Standby Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com