Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7376PD Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7376PD
Description  2 x 35 W power amplifier for car radio
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7376PD Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7376PD_09 Datasheet HTML 5Page - STMicroelectronics TDA7376PD_09 Datasheet HTML 6Page - STMicroelectronics TDA7376PD_09 Datasheet HTML 7Page - STMicroelectronics TDA7376PD_09 Datasheet HTML 8Page - STMicroelectronics TDA7376PD_09 Datasheet HTML 9Page - STMicroelectronics TDA7376PD_09 Datasheet HTML 10Page - STMicroelectronics TDA7376PD_09 Datasheet HTML 11Page - STMicroelectronics TDA7376PD_09 Datasheet HTML 12Page - STMicroelectronics TDA7376PD_09 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TDA7376PD
Electrical specifications
Doc ID 10260 Rev 3
9/14
Figure 9.
THD vs. output power (RL = 4 Ω)
Figure 10.
THD vs. output power (RL = 24 Ω)
Figure 11.
Dissipated power and efficiency vs.
output power
Figure 12.
SVR vs. frequency
Figure 13.
CMRR vs. frequency
Figure 14.
Crosstalk vs. frequency
0.1
1
10
Po(W)
0.01
0.1
1
10
THD(%)
Vs = 14.4 V
RL=4
Ω
f=10 KHz
f =1 KHz
0.1
1
10
Po (W)
0.01
0.1
1
10
THD (%)
Vs= 14.4 V
R L = 2
Ω
f = 10 KHz
f= 1 KHz
VS = 14.4V
RL = 4
Ω
f = 1KHz
f (Hz)
VS = 14.4V
RL = 4
Ω
Vr = 1Vrms
Ri = 0
Ri = 600
Ω
Ω
VS = 14.4V
RL = 4
Ω
Vi = 1Vrms
f (Hz)
VS = 14.4V
RL = 4
Ω
PO = 1W
RL = 0
f (Hz)


Similar Part No. - TDA7376PD_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7376PD STMICROELECTRONICS-TDA7376PD Datasheet
170Kb / 9P
   2 X 35W POWER AMPLIFIER FOR CAR RADIO
More results

Similar Description - TDA7376PD_09

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1519 PHILIPS-TDA1519 Datasheet
84Kb / 10P
   2 x 6 W stereo car radio power amplifier
May 1992
logo
STMicroelectronics
TDA7375AV STMICROELECTRONICS-TDA7375AV_12 Datasheet
399Kb / 20P
   2 x 37 W dual/quad power amplifier for car radio
TDA7376PD STMICROELECTRONICS-TDA7376PD Datasheet
170Kb / 9P
   2 X 35W POWER AMPLIFIER FOR CAR RADIO
TDA7376B STMICROELECTRONICS-TDA7376B Datasheet
104Kb / 9P
   2 x 35W POWER AMPLIFIER FOR CAR RADIO
logo
NXP Semiconductors
TDA1561Q PHILIPS-TDA1561Q Datasheet
244Kb / 24P
   2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
TDA1563Q PHILIPS-TDA1563Q Datasheet
268Kb / 32P
   2 x 25 W high efficiency car radio power amplifier
2000 Feb 09
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
logo
STMicroelectronics
TDA7377 STMICROELECTRONICS-TDA7377 Datasheet
254Kb / 10P
   2 x 30WDUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
logo
List of Unclassifed Man...
YD7377 ETC-YD7377 Datasheet
272Kb / 10P
   2 x 30WDUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com