Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7492MV Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7492MV
Description  50 W mono BTL class-D audio amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492MV Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7492MV Datasheet HTML 6Page - STMicroelectronics TDA7492MV Datasheet HTML 7Page - STMicroelectronics TDA7492MV Datasheet HTML 8Page - STMicroelectronics TDA7492MV Datasheet HTML 9Page - STMicroelectronics TDA7492MV Datasheet HTML 10Page - STMicroelectronics TDA7492MV Datasheet HTML 11Page - STMicroelectronics TDA7492MV Datasheet HTML 12Page - STMicroelectronics TDA7492MV Datasheet HTML 13Page - STMicroelectronics TDA7492MV Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Characterization curves
TDA7492MV
10/26
Doc ID 16264 Rev 1
4
Characterization curves
The following characterization curves were made using the TDA7492MV exposed-pad-down
test board with VCC = 25 V, a signal frequency of 1 kHz and an output power of 1 W unless
otherwise specified.
The LC filter for the 8-
Ω load uses components of 33 µH and 220 nF and for the 6-Ω load
22 µH and 220 nF.
4.1
For 6-
Ω load
Figure 3.
Output power vs supply voltage
Figure 4.
THD vs output power (1 kHz)
12
16
20
24
28
32
36
40
44
48
52
15
16
17
18
19
20
21
22
23
24
25
Supply Voltage (V)
12
16
20
24
28
32
36
40
44
48
52
15
16
17
18
19
20
21
22
23
24
25
Supply Voltage (V)
THD = 10%
THD = 1%
THD vs. Output Power
THD (%)
Output Power (W)
0.005
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
200m
60
500m
1
2
5
10
20
THD vs. Output Power
THD (%)
Output Power (W)
0.005
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
200m
60
500m
1
2
5
10
20
THD vs. Output Power
THD (%)
Output Power (W)
0.005
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
200m
60
500m
1
2
5
10
20


Similar Part No. - TDA7492MV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7492 STMICROELECTRONICS-TDA7492 Datasheet
537Kb / 32P
   50 W 50 W dual BTL class-D audio amplifier
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
   50 W 50 W dual BTL class-D audio amplifier
TDA7492E STMICROELECTRONICS-TDA7492E Datasheet
665Kb / 24P
   79 W 79 W dual BTL class-D audio amplifier
February 2017 Rev 1
TDA7492ETR STMICROELECTRONICS-TDA7492ETR Datasheet
665Kb / 24P
   79 W 79 W dual BTL class-D audio amplifier
February 2017 Rev 1
TDA7492P STMICROELECTRONICS-TDA7492P Datasheet
459Kb / 26P
   25-watt 25-watt dual BTL class-D audio amplifier
More results

Similar Description - TDA7492MV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7491MV STMICROELECTRONICS-TDA7491MV Datasheet
697Kb / 28P
   25 W mono BTL class-D audio amplifier
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
   50 W 50 W dual BTL class-D audio amplifier
TDA7498MV STMICROELECTRONICS-TDA7498MV Datasheet
794Kb / 27P
   100-watt mono BTL class-D audio amplifier
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
logo
Synaptics Incorporated.
CX20706 CONEXANT-CX20706 Datasheet
645Kb / 2P
   2.5 W BTL mono Class-D speaker amplifier
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
SA58672 PHILIPS-SA58672_15 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
logo
Analog Devices
SSM4321 AD-SSM4321 Datasheet
459Kb / 24P
   Mono 2.9 W Class-D Audio Amplifier
logo
NXP Semiconductors
SA58672 PHILIPS-SA58672 Datasheet
184Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 02-23 February 2009
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
   3 W Mono BTL Audio Output Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com