Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7541B Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7541B
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541B Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7541B Datasheet HTML 6Page - STMicroelectronics TDA7541B Datasheet HTML 7Page - STMicroelectronics TDA7541B Datasheet HTML 8Page - STMicroelectronics TDA7541B Datasheet HTML 9Page - STMicroelectronics TDA7541B Datasheet HTML 10Page - STMicroelectronics TDA7541B Datasheet HTML 11Page - STMicroelectronics TDA7541B Datasheet HTML 12Page - STMicroelectronics TDA7541B Datasheet HTML 13Page - STMicroelectronics TDA7541B Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
Electrical specifications and characteristics
TDA7541B
10/77
Doc ID 16048 Rev 1
3
Electrical specifications and characteristics
3.1
Thermal data
3.2
Absolute maximum ratings
3.3
Electrical characteristics
3.3.1
Globals
Tamb = 25 °C, VCC1 = VCC2 = VCCMIX1 = VCCVCO = VCCIF = 8.5 V, fXtal = 10.25 MHz,
in application circuit, unless otherwise specified.
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RTH(j-amb) Thermal resistance junction-to-ambient
Max.
70
°C/W
Table 4.
Absolute maximum ratings
Symbol
Parameter
Conditions
Value
Unit
VS
Supply voltage
-
9.5
V
Tamb
Ambient temperature
-
-40 to 85
°C
Tstg
Storage temperature
-
-55 to +150
°C
VESD
ESD withstand voltage
Human Body Model
2
kV
Machine Model
100
V
Charged Device Model
300
V
Table 5.
Globals
Item
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
1. Supply
1.1
VCC1
Digital supply voltage
-
7.7
8.5
9
V
1.2
VCC2
Analog supply voltage
-
7.7
8.5
9
V
1.3
VCCVCO
VCO supply voltage
-
7.7
8.5
9
V
1.4
VCCMIX1
Mixer1 supply voltage
-
7.7
8.5
9
V
1.5
VCCIF
IF1 Supply Voltage
-
7.7
8.5
9
V
1.6
ICC1
Supply current
FM ON
-
19
23
mA
1.7
ICC1
Supply current
AM ON
-
21
25
mA
1.8
ICC2
Supply current
FM ON
-
48
58
mA
1.9
ICC2
Supply current
AM ON
-
37
44
mA


Similar Part No. - TDA7541B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7541 STMICROELECTRONICS-TDA7541 Datasheet
872Kb / 76P
   AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
TDA7541TR STMICROELECTRONICS-TDA7541TR Datasheet
872Kb / 76P
   AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
TDA7541W STMICROELECTRONICS-TDA7541W Datasheet
872Kb / 76P
   AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
TDA7541WTR STMICROELECTRONICS-TDA7541WTR Datasheet
872Kb / 76P
   AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
More results

Similar Description - TDA7541B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7541 STMICROELECTRONICS-TDA7541 Datasheet
872Kb / 76P
   AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
TDA7540N STMICROELECTRONICS-TDA7540N Datasheet
1Mb / 76P
   AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
TDA7540B STMICROELECTRONICS-TDA7540B Datasheet
1Mb / 75P
   AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
TDA7512 STMICROELECTRONICS-TDA7512 Datasheet
761Kb / 42P
   AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
TDA7512F STMICROELECTRONICS-TDA7512F Datasheet
633Kb / 45P
   FM car-radio tuner IC with intelligent selectivity system (ISS)
logo
Rohm
BA1442A ROHM-BA1442A Datasheet
371Kb / 17P
   AM radio / FM IF stereo system IC
BA1448S ROHM-BA1448S Datasheet
183Kb / 9P
   AM radio / FM IF stereo system IC
BA1451F ROHM-BA1451F Datasheet
134Kb / 8P
   AM radio / FM IF stereo system IC
BA1450S ROHM-BA1450S Datasheet
181Kb / 10P
   AM radio / FM IF stereo system IC
logo
Sanyo Semicon Device
LA1883M SANYO-LA1883M Datasheet
168Kb / 8P
   Single-Chip FM/AM Tuner for Car Radio and Home Stereo Equipment?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com