Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4999 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS4999
Description  Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4999 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS4999 Datasheet HTML 6Page - STMicroelectronics TS4999 Datasheet HTML 7Page - STMicroelectronics TS4999 Datasheet HTML 8Page - STMicroelectronics TS4999 Datasheet HTML 9Page - STMicroelectronics TS4999 Datasheet HTML 10Page - STMicroelectronics TS4999 Datasheet HTML 11Page - STMicroelectronics TS4999 Datasheet HTML 12Page - STMicroelectronics TS4999 Datasheet HTML 13Page - STMicroelectronics TS4999 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Electrical characteristics
TS4999
10/36
tSTBY
Standby time
Standby time(2)
10
13.8
18
ms
VN
Output voltage noise
F = 20Hz to 20kHz, A-Weighted,
Gain = 3.5dB
Filterless, 3D effect off, RL = 4Ω
Filterless, 3D effect on, RL = 4Ω
With LC output filter, 3D effect off, RL = 4Ω
With LC output filter, 3D effect on, RL = 4Ω
Filterless, 3D effect off, RL = 8Ω
Filterless, 3D effect on, RL = 8Ω
With LC output filter, 3D effect off, RL = 8Ω
With LC output filter, 3D effect on, RL = 8Ω
29
49
28
48
29
50
29
50
μVRMS
1.
Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is the super-imposed sinus signal to VCC at f = 217 Hz
with fixed Cin cap (input decoupling capacitor).
2.
See Section 4.6: Wakeup (tWU) and shutdown (tSTBY) times on page 26.
Table 9.
VCC = +3.6V, GND = 0V, Tamb = 25°C (unless otherwise specified) (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit


Similar Part No. - TS4999

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4999EIJT STMICROELECTRONICS-TS4999EIJT Datasheet
721Kb / 36P
   Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
December 2008 Rev 1
More results

Similar Description - TS4999

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4999EIJT STMICROELECTRONICS-TS4999EIJT Datasheet
721Kb / 36P
   Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
December 2008 Rev 1
STEVAL-CCA016V1 STMICROELECTRONICS-STEVAL-CCA016V1 Datasheet
103Kb / 5P
   Filter-free stereo 2.8 W Class-D audio power amplifier demo board with selectable 3D sound effects based on the TS4999
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com