Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1400DUC-24S Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # CM1400DUC-24S
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM1400DUC-24S Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  CM1400DUC-24S Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM1400DUC-24S Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM1400DUC-24S Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM1400DUC-24S Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM1400DUC-24S Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CM1400DUC-24S Datasheet HTML 6Page - Mitsubishi Electric Semiconductor CM1400DUC-24S Datasheet HTML 7Page - Mitsubishi Electric Semiconductor CM1400DUC-24S Datasheet HTML 8Page - Mitsubishi Electric Semiconductor CM1400DUC-24S Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
< IGBT MODULES >
CM1400DUC-24S
HIGH POWER SWITCHING USE
INSULATED TYPE
July-2012
3
TENTATIVE
THERMAL RESISTANCE CHARACTERISTICS
Limits
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
Rth(j-c)Q
Junction to case, per Inverter IGBT
-
-
16
Rth(j-c)D
Thermal resistance
(Note4)
Junction to case, per Inverter FWDi
-
-
26
K/kW
Case to heat sink, per 1 module,
Rth(c-s)
Contact thermal resistance
(Note4)
Thermal grease applied (Note7)
-
6
-
K/kW
MECHANICAL CHARACTERISTICS
Limits
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
Mt
Main terminals
M 6 screw
3.5
4.0
4.5
Ms
Mounting torque
Mounting to heat sink
M 6 screw
3.5
4.0
4.5
N·m
Terminal to terminal
24
-
-
ds
Creepage distance
Terminal to base plate
33
-
-
mm
Terminal to terminal
14
-
-
da
Clearance
Terminal to base plate
33
-
-
mm
m
Weight
-
-
1450
-
g
ec
Flatness of base plate
On the centerline X, Y1, Y2 (Note5)
-50
-
+100
μm
Note1. Represent ratings and characteristics of the anti-parallel, emitter-collector free wheeling diode (FWDi).
2. Junction temperature (T j ) should not increase beyond T jm ax rating.
3. Pulse width and repetition rate should be such that the device junction temperature (T j ) dose not exceed T jm a x rating.
4. Case temperature (TC) and heat sink temperature (T s ) are defined on the each surface (mounting side) of base plate and heat sink
just under the chips. Refer to the figure of chip location.
5. Pulse width and repetition rate should be such as to cause negligible temperature rise.
Refer to the figure of test circuit.
6. Typical value is measured by using thermally conductive grease of λ=0.9 W/(m·K).
7. The base plate (mounting side) flatness measurement points (X, Y1, Y2) are as follows of the following figure.
+: Convex
-: Concave
Bottom
Bottom
Label side
Bottom
Y1
X
Y2
36 mm
36 mm
8. The company name and product names herein are the trademarks and registered trademarks of the respective companies.


Similar Part No. - CM1400DUC-24S

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM1400DUC-24S POWEREX-CM1400DUC-24S Datasheet
908Kb / 6P
   Mega Power Dual IGBT 1400 Amperes/1200 Volts
More results

Similar Description - CM1400DUC-24S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com