Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2400HC-34H Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # CM2400HC-34H
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM2400HC-34H Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  CM2400HC-34H_09 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM2400HC-34H_09 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM2400HC-34H_09 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM2400HC-34H_09 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM2400HC-34H_09 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CM2400HC-34H_09 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Jul. 2005
HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
MITSUBISHI HVIGBT MODULES
CM2400HC-34H
HIGH POWER SWITCHING USE
INSULATED TYPE
3rd-Version HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
COLLECTOR CURRENT (A)
6000
5000
4000
3000
2000
0
500
1000
0
1500
2000
1000
HALF-BRIDGE
SWITCHING TIME CHARACTERISTICS
(TYPICAL)
EMITTER CURRENT (A)
FREE-WHEEL DIODE
REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE (V)
REVERSE BIAS SAFE OPERATING AREA
(RBSOA)
TIME (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
100
101
10-1
10-2
2
3
5
7
2
3
5
7
2
3
5
7
102
101
23
5 7
103
104
23
5 7
23
5 7
103
104
102
101
101
102
100
10-1
102
101
23
5 7
103
104
23
5 7
23
5 7
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
23 5 7
1.2
1.0
0.8
0.6
0.4
0
10-2
10-1
10-3
100
101
0.2
23 5 7
23 5 7
23 5 7
Single Pulse, TC = 25
°C
Rth(j–c)Q = 7K/kW
Rth(j–c)R = 12K/kW
VCC
≤ 1150V, VGE = +/-15V
Tj = 125
°C, RG(off) ≥ 0.27Ω
VCC = 850V, VGE =
±15V
RG(on) = RG(off) = 0.27
Tj = 125
°C, Inductive load
VCC = 850V, VGE =
±15V
RG(on) = RG(off) = 0.27
Tj = 125
°C, Inductive load
td(off)
td(on)
tr
tf
trr
Irr


Similar Part No. - CM2400HC-34H_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM2400HC-34H MITSUBISHI-CM2400HC-34H_05 Datasheet
67Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM2400HC-34H_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com