Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S26391-F1217-L500 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # S26391-F1217-L500
Description  Fujitsu STYLISTIC Q572 Tablet PC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

S26391-F1217-L500 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  S26391-F1217-L500 Datasheet HTML 1Page - Fujitsu Component Limited. S26391-F1217-L500 Datasheet HTML 2Page - Fujitsu Component Limited. S26391-F1217-L500 Datasheet HTML 3Page - Fujitsu Component Limited. S26391-F1217-L500 Datasheet HTML 4Page - Fujitsu Component Limited. S26391-F1217-L500 Datasheet HTML 5Page - Fujitsu Component Limited. S26391-F1217-L500 Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Data Sheet Fujitsu STYLISTIC Q572 Tablet PC
Page 4 / 6
www.fujitsu.com/fts/tabletpc
Fujitsu recommends Windows 8 Pro.
Additional Software
Additional software (preinstalled)
Adobe® Reader®
Microsoft® Touch Pack for Windows® 7
Nero Essentials (burning software)
Norton Internet Security (incl. Firewall) 60 days version
Application Panel
Auto Rotation Utility
Display Manager
Fujitsu Recovery (Hard Disk Based Recovery)
Plugfree Network
Power Saving Utility
Security Application Panel
ShockSensor Utility
Tablet Button Utility
Don’t forget Office.
Additional software (optional)
Drivers & Utilities DVD (DUDVD)
UMTS connection manager (optional with UMTS)
CyberLink YouCam
Recovery DVD (Windows® 7)
SmartCase Logon+
Manageability
Manageability technology
DeskUpdate Driver management
PXE 2.1 Boot code
Wake up from S5 (off mode)
Intrusion switch (optional)
Intel® Standard Manageability
WoL (Wake on LAN)
Manageability software
DeskView Client
DeskView Instant BIOS Management
DeskView Integration for Symantec Management Platform
DeskView components
Inventory Management
BIOS Management
Driver Management
Security Management
Alarm Management
Supported standards
WMI
PXE
BootP (made4you)
Manageability link
http://ts.fujitsu.com/manageability
Security
System protection
-
Audit proof protection
Advanced Theft Protection (Intel® Anti Theft & Computrace®)
Norton Internet Security (incl. Firewall) 60 days version
Write protect option for the Flash EPROM
Control of all USB interfaces
User and supervisor BIOS password
Optional: Trusted platform module (TPM 1.2)
Access protection
Integrated Fingerprint Sensor
User and supervisor BIOS password
Hard disk password
OmniPass security software
Smartcard reader (integrated)
Product
Compliance link
https://sp.ts.fujitsu.com/sites/certificates/default.aspx
Cradle
DC-in
1


Similar Part No. - S26391-F1217-L500

ManufacturerPart #DatasheetDescription
logo
Lapp.
S2636 LAPP-S2636 Datasheet
409Kb / 1P
   SKINTOP® SLM/SLRM Strain relief with metric thread
rev. 2 - 9.18.2018
logo
ATGBICS by Approved Tec...
S26361-F3873-L310-C ATGBICS-S26361-F3873-L310-C Datasheet
375Kb / 10P
   S26361-F3873-L310 Fujitsu Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
S26361-F3986-E3-C ATGBICS-S26361-F3986-E3-C Datasheet
375Kb / 10P
   S26361-F3986-E3 Fujitsu Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
More results

Similar Description - S26391-F1217-L500

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
Q555 FUJITSU-Q555 Datasheet
292Kb / 8P
   FUJITSU Tablet STYLISTIC Q555
R726 FUJITSU-R726 Datasheet
219Kb / 7P
   FUJITSU Tablet STYLISTIC R726
Q616 FUJITSU-Q616 Datasheet
236Kb / 8P
   FUJITSU Tablet STYLISTIC Q616
Q665 FUJITSU-Q665 Datasheet
225Kb / 7P
   FUJITSU Tablet STYLISTIC Q665
Q736 FUJITSU-Q736 Datasheet
221Kb / 8P
   FUJITSU Tablet STYLISTIC Q736
Q775 FUJITSU-Q775 Datasheet
196Kb / 7P
   Fujitsu STYLISTIC Q775
T936 FUJITSU-T936 Datasheet
203Kb / 7P
   FUJITSU Tablet LIFEBOOK T936
T726 FUJITSU-T726 Datasheet
195Kb / 7P
   FUJITSU Tablet LIFEBOOK T726
logo
PHOENIX CONTACT
2402957 PHOENIX-2402957 Datasheet
56Kb / 3P
   Tablet PC - ITC 8113 SW7
logo
Advantech Co., Ltd.
MICA-053 ADVANTECH-MICA-053 Datasheet
553Kb / 2P
   5 Medical Grade Tablet PC Series
2-Apr-2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com