Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M63836FP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M63836FP
Description  8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M63836FP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M63836FP_06 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M63836FP_06 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M63836FP_06 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M63836FP_06 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Sep. 2001
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are subject
to change.
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M63836FP/KP
8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
DC Amplification Factor
Collector Current Characteristics
Collector current IC (mA)
102
103
3
2
5
7
104
3
2
5
7
105
3
2
5
7
102
3
25 7
103
3
25 7
101
VCE=2V
Ta=85
°C
Ta=25
°C
Ta=–40
°C
0
0.4
0.8
1.2
2.0
1.6
Input voltage Vcc-VI (V)
Output Current Characteristics
0
200
100
300
400
500
VCE=2V
Ta=85
°C
Ta=25
°C
Ta=–40
°C
Input Characteristics
1
02
3
Input voltage Vcc-VI (V)
0
–0.3
–0.2
–0.1
–0.4
–0.5
–0.6
VCC=3V
Ta=85
°C
Ta=25
°C
Ta=–40
°C
Driver Supply Characteristics
02468
10
Supply voltage Vcc (V)
0
8.0
4.0
12.0
16.0
20.0
Ta=25
°C
Ta=85
°C
Ta=–40
°C
VI=0.5V
Clamping Diode Characteristics
0
0.5
1.0
1.5
2.0
Forward bias voltage VF (V)
0
Ta=–40
°C
Ta=25
°C
Ta=85
°C
300
200
100
400
500


Similar Part No. - M63836FP_06

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63836FP MITSUBISHI-M63836FP Datasheet
74Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
More results

Similar Description - M63836FP_06

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
M54585KP POWEREX-M54585KP Datasheet
82Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
logo
Mitsubishi Electric Sem...
M54585WP MITSUBISHI-M54585WP Datasheet
230Kb / 5P
   8-Unit 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54585KP MITSUBISHI-M54585KP Datasheet
74Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63820FP MITSUBISHI-M63820FP Datasheet
44Kb / 2P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63836FP MITSUBISHI-M63836FP Datasheet
74Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M54587P MITSUBISHI-M54587P Datasheet
44Kb / 5P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54585P MITSUBISHI-M54585P Datasheet
73Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63840FP MITSUBISHI-M63840FP Datasheet
281Kb / 6P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE SOURCE TYPE
M54562P MITSUBISHI-M54562P_12 Datasheet
89Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54562P MITSUBISHI-M54562P Datasheet
81Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com