Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9622 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9622
Description  16-bit Fm I2C-bus 100 mA 40 V LED driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9622 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9622_12 Datasheet HTML 7Page - NXP Semiconductors PCA9622_12 Datasheet HTML 8Page - NXP Semiconductors PCA9622_12 Datasheet HTML 9Page - NXP Semiconductors PCA9622_12 Datasheet HTML 10Page - NXP Semiconductors PCA9622_12 Datasheet HTML 11Page - NXP Semiconductors PCA9622_12 Datasheet HTML 12Page - NXP Semiconductors PCA9622_12 Datasheet HTML 13Page - NXP Semiconductors PCA9622_12 Datasheet HTML 14Page - NXP Semiconductors PCA9622_12 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
PCA9622
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 6 September 2012
11 of 39
NXP Semiconductors
PCA9622
16-bit Fm+ I2C-bus 100 mA 40 V LED driver
7.3.3 PWM0 to PWM15, individual brightness control
A 97 kHz fixed frequency signal is used for each output. Duty cycle is controlled through
256 linear steps from 00h (0 % duty cycle = LED output off) to FFh
(99.6 % duty cycle = LED output at maximum brightness). Applicable to LED outputs
programmed with LDRx = 10 or 11 (LEDOUT0 to LEDOUT3 registers).
(1)
Table 7.
PWM0 to PWM15 - PWM registers 0 to 15 (address 02h to 11h) bit description
Legend: * default value.
Address
Register
Bit
Symbol
Access
Value
Description
02h
PWM0
7:0
IDC0[7:0]
R/W
0000 0000* PWM0 Individual Duty Cycle
03h
PWM1
7:0
IDC1[7:0]
R/W
0000 0000* PWM1 Individual Duty Cycle
04h
PWM2
7:0
IDC2[7:0]
R/W
0000 0000* PWM2 Individual Duty Cycle
05h
PWM3
7:0
IDC3[7:0]
R/W
0000 0000* PWM3 Individual Duty Cycle
06h
PWM4
7:0
IDC4[7:0]
R/W
0000 0000* PWM4 Individual Duty Cycle
07h
PWM5
7:0
IDC5[7:0]
R/W
0000 0000* PWM5 Individual Duty Cycle
08h
PWM6
7:0
IDC6[7:0]
R/W
0000 0000* PWM6 Individual Duty Cycle
09h
PWM7
7:0
IDC7[7:0]
R/W
0000 0000* PWM7 Individual Duty Cycle
0Ah
PWM8
7:0
IDC8[7:0]
R/W
0000 0000* PWM8 Individual Duty Cycle
0Bh
PWM9
7:0
IDC9[7:0]
R/W
0000 0000* PWM9 Individual Duty Cycle
0Ch
PWM10
7:0
IDC10[7:0]
R/W
0000 0000* PWM10 Individual Duty Cycle
0Dh
PWM11
7:0
IDC11[7:0]
R/W
0000 0000* PWM11 Individual Duty Cycle
0Eh
PWM12
7:0
IDC12[7:0]
R/W
0000 0000* PWM12 Individual Duty Cycle
0Fh
PWM13
7:0
IDC13[7:0]
R/W
0000 0000* PWM13 Individual Duty Cycle
10h
PWM14
7:0
IDC14[7:0]
R/W
0000 0000* PWM14 Individual Duty Cycle
11h
PWM15
7:0
IDC15[7:0]
R/W
0000 0000* PWM15 Individual Duty Cycle
duty cycle
IDCx 7:0

256
---------------------------
=


Similar Part No. - PCA9622_12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9622BS NXP-PCA9622BS Datasheet
224Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 03-31 August 2009
PCA9622DR NXP-PCA9622DR Datasheet
224Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 03-31 August 2009
More results

Similar Description - PCA9622_12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9622 PHILIPS-PCA9622 Datasheet
328Kb / 40P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 5-2 June 2014
PCA9622 NXP-PCA9622 Datasheet
224Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 03-31 August 2009
PCA9626 NXP-PCA9626 Datasheet
240Kb / 47P
   24-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 02-31 August 2009
PCA9624 NXP-PCA9624 Datasheet
212Kb / 37P
   8-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 02-26 August 2009
PCA9625 NXP-PCA9625 Datasheet
179Kb / 33P
   16-bit Fm I2C-bus 100 mA 24 V LED driver
Rev. 02-15 January 2008
PCA9635 NXP-PCA9635_09 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
PCA9635 PHILIPS-PCA9635 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
PCA9635 NXP-PCA9635 Datasheet
187Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 06-11 September 2008
PCU9654 PHILIPS-PCU9654 Datasheet
972Kb / 36P
   8-bit UFm 5 MHz I2C-bus 100 mA 40 V LED driver
Rev. 1-2 July 2012
PCA9955B NXP-PCA9955B Datasheet
1Mb / 62P
   16-channel Fm I2C-bus 57 mA/20 V constant current LED driver
Rev. 2.2 ??10 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com