Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFHA1000TR7 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFHA1000TR7
Description  50MHz TO 1000MHz, 15W GaN WIDEBAND
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1000TR7 Datasheet(HTML) 1 Page - RF Micro Devices

  RFHA1000TR7 Datasheet HTML 1Page - RF Micro Devices RFHA1000TR7 Datasheet HTML 2Page - RF Micro Devices RFHA1000TR7 Datasheet HTML 3Page - RF Micro Devices RFHA1000TR7 Datasheet HTML 4Page - RF Micro Devices RFHA1000TR7 Datasheet HTML 5Page - RF Micro Devices RFHA1000TR7 Datasheet HTML 6Page - RF Micro Devices RFHA1000TR7 Datasheet HTML 7Page - RF Micro Devices RFHA1000TR7 Datasheet HTML 8Page - RF Micro Devices RFHA1000TR7 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 of 11
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
RF IN
Pin 2,3
RF OUT / VDS
Pin 6,7
GND
BASE
VGS
Pin 1
RFHA1000
50MHz TO 1000MHz, 15W GaN WIDEBAND
POWER AMPLIFIER
The RFHA1000 is a wideband Power Amplifier designed for CW and pulsed applica-
tions such as wireless infrastructure, RADAR, two way radios and general purpose
amplification. Using an advanced high power density Gallium Nitride (GaN) semi-
conductor process, these high-performance amplifiers achieve high efficiency, flat
gain, and large instantaneous bandwidth in a single amplifier design. The
RFHA1000 is an input matched GaN transistor packaged in an air cavity ceramic
package which provides excellent thermal stability through the use of advanced
heat sink and power dissipation technologies. Ease of integration is accomplished
through the incorporation of optimized input matching network within the package
that provides wideband gain and power performance in a single amplifier. An exter-
nal output match offers the flexibility of further optimizing power and efficiency for
any sub-band within the overall bandwidth.
Features
Advanced GaN HEMT Technology
Output Power of 15W
Advanced Heat-Sink Technology
50MHz to 1000MHz
Instantaneous Bandwidth
Input Internally Matched to 50
28V Operation Typical
Performance
Output Power 41.5dBm
Gain 17dB
Power Added Efficiency 60%
-40°C to 85°C Operating
Temperature
Large Signal Models Available
Applications
Class AB Operation for Public
Mobile Radio
Power Amplifier Stage for
Commercial Wireless
Infrastructure
General Purpose Tx Amplification
Test Instrumentation
Civilian and Military Radar
DS120418
Package: AlN Leadless Chip Carrier / SO8
RFHA1000
50MHz to
1000MHz,
15W GaN
Wideband
Power Ampli-
fier
RFHA1000S2
2-Piece sample bag
RFHA1000SB
5-Piece bag
RFHA1000SQ
25-Piece bag
RFHA1000SR
100 Pieces on 7” short reel
RFHA1000TR7
750 Pieces on 7” reel
RFHA1000PCBA-410
Fully assembled evaluation board 50MHz to 1000MHz;
28V operation


Similar Part No. - RFHA1000TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1003 RFMD-RFHA1003 Datasheet
1Mb / 11P
   30MHz TO 512MHz, 9W GaN WIDEBAND
RFHA1003PCBA-410 RFMD-RFHA1003PCBA-410 Datasheet
1Mb / 11P
   30MHz TO 512MHz, 9W GaN WIDEBAND
RFHA1003S2 RFMD-RFHA1003S2 Datasheet
1Mb / 11P
   30MHz TO 512MHz, 9W GaN WIDEBAND
RFHA1003SB RFMD-RFHA1003SB Datasheet
1Mb / 11P
   30MHz TO 512MHz, 9W GaN WIDEBAND
RFHA1003SQ RFMD-RFHA1003SQ Datasheet
1Mb / 11P
   30MHz TO 512MHz, 9W GaN WIDEBAND
More results

Similar Description - RFHA1000TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFGA0014 RFMD-RFGA0014 Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
logo
Maxim Integrated Produc...
MAX2014_V1 MAXIM-MAX2014_V1 Datasheet
304Kb / 12P
   50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 1; 2/12
MAX2014 MAXIM-MAX2014 Datasheet
277Kb / 10P
   50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 0; 6/06
logo
RF Micro Devices
RFGA0024 RFMD-RFGA0024 Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
CXE-2022Z RFMD-CXE-2022Z Datasheet
395Kb / 6P
   50MHz to 1000MHz MMIC 75A LOW NOISE AMPLIFIER
logo
Maxim Integrated Produc...
MAX2067 MAXIM-MAX2067 Datasheet
299Kb / 23P
   50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 4/08
logo
RF Micro Devices
D10040230PL1 RFMD-D10040230PL1 Datasheet
266Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
CGA-7718Z RFMD-CGA-7718Z Datasheet
440Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
logo
Maxim Integrated Produc...
MAX2064 MAXIM-MAX2064 Datasheet
3Mb / 20P
   Dual 50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 12/10
logo
RF Micro Devices
D10040230PH1 RFMD-D10040230PH1 Datasheet
266Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com