Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFHA1003SQ Datasheet(PDF) 8 Page - RF Micro Devices

Part # RFHA1003SQ
Description  30MHz TO 512MHz, 9W GaN WIDEBAND
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1003SQ Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RFHA1003SQ Datasheet HTML 3Page - RF Micro Devices RFHA1003SQ Datasheet HTML 4Page - RF Micro Devices RFHA1003SQ Datasheet HTML 5Page - RF Micro Devices RFHA1003SQ Datasheet HTML 6Page - RF Micro Devices RFHA1003SQ Datasheet HTML 7Page - RF Micro Devices RFHA1003SQ Datasheet HTML 8Page - RF Micro Devices RFHA1003SQ Datasheet HTML 9Page - RF Micro Devices RFHA1003SQ Datasheet HTML 10Page - RF Micro Devices RFHA1003SQ Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8 of 11
RFHA1003
DS120216
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Bias Instruction for RFHA1003 Evaluation Board
ESD Sensitive Material. Please use proper ESD precautions when handling devices of evaluation board. Evaluation board
requires additional external fan cooling. Connect all supplies before powering evaluation board.
1. Connect RF cables at RFIN and RFOUT.
2. Connect ground to the ground supply terminal, and ensure that both the VG and VD grounds are also connected to this
ground terminal.
3. Apply -5V to VG.
4. Apply 28V to VD.
5. Increase VG until drain current reaches 55mA or desired bias point.
6. Turn on the RF input.
Typical test data provided is measured to SMA connector reference plane, and include evaluation board / broadband bias
network mismatch and losses.


Similar Part No. - RFHA1003SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1000 RFMD-RFHA1000 Datasheet
906Kb / 11P
   50MHz TO 1000MHz, 15W GaN WIDEBAND
RFHA1000PCBA-410 RFMD-RFHA1000PCBA-410 Datasheet
906Kb / 11P
   50MHz TO 1000MHz, 15W GaN WIDEBAND
RFHA1000S2 RFMD-RFHA1000S2 Datasheet
906Kb / 11P
   50MHz TO 1000MHz, 15W GaN WIDEBAND
RFHA1000SB RFMD-RFHA1000SB Datasheet
906Kb / 11P
   50MHz TO 1000MHz, 15W GaN WIDEBAND
RFHA1000SQ RFMD-RFHA1000SQ Datasheet
906Kb / 11P
   50MHz TO 1000MHz, 15W GaN WIDEBAND
More results

Similar Description - RFHA1003SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3826 RFMD-RF3826 Datasheet
1Mb / 15P
   30MHz TO 2500MHz, 9W GaN WIDEBAND
RFHA1006 RFMD-RFHA1006 Datasheet
1Mb / 11P
   225MHz TO 1215MHz, 9W GaN WIDEBAND
logo
Microchip Technology
ICP2840 MICROCHIP-ICP2840 Datasheet
787Kb / 21P
   27.5 – 31 GHz 9W GaN PA MMIC
12/2021 Revision B
logo
RF Micro Devices
RFHA1000 RFMD-RFHA1000 Datasheet
906Kb / 11P
   50MHz TO 1000MHz, 15W GaN WIDEBAND
logo
Microchip Technology
GMICP2731-10 MICROCHIP-GMICP2731-10 Datasheet
788Kb / 22P
   27.5 ??31 GHz 9W GaN PA MMIC
2021
logo
M/A-COM Technology Solu...
MAGX-011087-V1P MA-COM-MAGX-011087-V1P Datasheet
1Mb / 9P
   GaN Wideband Power Amplifier
MATR-GSHC03-160150 MA-COM-MATR-GSHC03-160150 Datasheet
1Mb / 11P
   GaN Wideband Transistor Die
MAGX-011087 MA-COM-MAGX-011087_15 Datasheet
1Mb / 9P
   GaN Wideband Power Amplifier
logo
RF Micro Devices
RF3928B RFMD-RF3928B Datasheet
773Kb / 11P
   380W GaN WIDEBAND PULSED
RF3931 RFMD-RF3931_12 Datasheet
1Mb / 14P
   30W GaN WIDEBAND POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com