Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100A3R3BW150XC Datasheet(PDF) 11 Page - RF Micro Devices

Part # 100A3R3BW150XC
Description  50MHz TO 1000MHz, 15W GaN WIDEBAND
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

100A3R3BW150XC Datasheet(HTML) 11 Page - RF Micro Devices

Back Button 100A3R3BW150XC Datasheet HTML 3Page - RF Micro Devices 100A3R3BW150XC Datasheet HTML 4Page - RF Micro Devices 100A3R3BW150XC Datasheet HTML 5Page - RF Micro Devices 100A3R3BW150XC Datasheet HTML 6Page - RF Micro Devices 100A3R3BW150XC Datasheet HTML 7Page - RF Micro Devices 100A3R3BW150XC Datasheet HTML 8Page - RF Micro Devices 100A3R3BW150XC Datasheet HTML 9Page - RF Micro Devices 100A3R3BW150XC Datasheet HTML 10Page - RF Micro Devices 100A3R3BW150XC Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11 of 11
RFHA1000
DS120418
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Device Handling/Environmental Conditions
RFMD does not recommend operating this device with typical drain voltage applied and the gate pinched off in a high humidity,
high temperature environment.
GaN HEMT devices are ESD sensitive materials. Please use proper ESD precautions when handling devices or evaluation
boards.
DC Bias
The GaN HEMT device is a depletion mode high electron mobility transistor (HEMT). At zero volts VGS the drain of the device is
saturated and uncontrolled drain current will destroy the transistor. The gate voltage must be taken to a potential lower than
the source voltage to pinch off the device prior to applying the drain voltage, taking care not to exceed the gate voltage maxi-
mum limits. RFMD recommends applying VGS = -5V before applying any VDS.
RF Power transistor performance capabilities are determined by the applied quiescent drain current. This drain current can be
adjusted to trade off power, linearity, and efficiency characteristics of the device. The recommended quiescent drain current
(IDQ) shown in the RF typical performance table is chosen to best represent the operational characteristics for this device, con-
sidering manufacturing variations and expected performance. The user may choose alternate conditions for biasing this device
based on performance tradeoffs.
Mounting and Thermal Considerations
The thermal resistance provided as RTH (junction to case) represents only the packaged device thermal characteristics. This is
measured using IR microscopy capturing the device under test temperature at the hottest spot of the die. At the same time, the
package temperature is measured using a thermocouple touching the backside of the die embedded in the device heat sink
but sized to prevent the measurement system from impacting the results. Knowing the dissipated power at the time of the
measurement, the thermal resistance is calculated.
In order to achieve the advertised MTTF, proper heat removal must be considered to maintain the junction at or below the max-
imum of 200°C. Proper thermal design includes consideration of ambient temperature and the thermal resistance from ambi-
ent to the back of the package including heat sinking systems and air flow mechanisms. Incorporating the dissipated DC
power, it is possible to calculate the junction temperature of the device


Similar Part No. - 100A3R3BW150XC

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
100A3R3BW150XC RFMD-100A3R3BW150XC Datasheet
1Mb / 11P
   225MHz TO 1215MHz, 9W GaN WIDEBAND
More results

Similar Description - 100A3R3BW150XC

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFGA0014 RFMD-RFGA0014 Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
logo
Maxim Integrated Produc...
MAX2014_V1 MAXIM-MAX2014_V1 Datasheet
304Kb / 12P
   50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 1; 2/12
MAX2014 MAXIM-MAX2014 Datasheet
277Kb / 10P
   50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 0; 6/06
logo
RF Micro Devices
RFGA0024 RFMD-RFGA0024 Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
CXE-2022Z RFMD-CXE-2022Z Datasheet
395Kb / 6P
   50MHz to 1000MHz MMIC 75A LOW NOISE AMPLIFIER
logo
Maxim Integrated Produc...
MAX2067 MAXIM-MAX2067 Datasheet
299Kb / 23P
   50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 4/08
logo
RF Micro Devices
D10040230PL1 RFMD-D10040230PL1 Datasheet
266Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
CGA-7718Z RFMD-CGA-7718Z Datasheet
440Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
logo
Maxim Integrated Produc...
MAX2064 MAXIM-MAX2064 Datasheet
3Mb / 20P
   Dual 50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 12/10
logo
RF Micro Devices
D10040230PH1 RFMD-D10040230PH1 Datasheet
266Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com