Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C6001RU Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # C6001RU
Description  Isolated, 60W Ultra-Wide 4:1Input DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

C6001RU Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  C6001RU Datasheet HTML 1Page - MicroPower Direct, LLC C6001RU Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Derating Curve (3.3VDC, 5 VDC & 12 VDC Models)
Model
Number
Input
Output
Efficiency
(Typ %)
Over
Voltage
Protection
(VDC)
Capacitive
Load
(µF Max)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(A, Max)
Current
(A, Min
Nom.
Range
Full-Load
No-Load
C6001RU
24
9 - 36
2,437
70
3.3
14.00
0.00
83
3.9
47,000
7,500
C6002RU
24
9 - 36
3,086
80
5.0
12.00
0.00
85
6.2
36,000
7,500
C6003RU
24
9 - 36
2,976
100
12.0
5.00
0.00
88
15
4,700
7,500
C6004RU
24
9 - 36
2,941
90
15.0
4.00
0.00
89
18
2,200
7,500
C6011RU
48
18 - 75
1,188
10
3.3
14.00
0.00
85
3.9
47,000
5,000
C6012RU
48
18 - 75
1,506
10
5.0
12.00
0.00
87
6.2
36,000
5,000
C6013RU
48
18 - 75
1,488
10
12.0
5.00
0.00
88
15
4,700
5,000
C6014RU
48
18 - 75
1,453
10
15.0
4.00
0.00
90
18
2,200
5,000
Pin
Function
Pin
Function
1+VIN
5
+Sense
2-VIN
6+VOUT
3
On/Off
7
-VOUT
4
-Sense
8
Trim
Pin Connections
Notes:
1. For 3.3 VDC output models, the maximum load regulation is ±0.8%.
2. When measuring output ripple, it is recommended that external 1.0 µF & 10 µF capacitors be placed in parallel
from the +Vout pin to the -Vout pin for single output units and from each output to common for dual output units.
3. Transient recovery is measured to within a 1% error band for a load step change of 50% to 100%.
4. If the on/off pin is left open, the unit operates. If grounded, the unit will shut off.
5. Sense pins should be connected to the output load or to the corresponding output pin.
6. No load operation will not damage these units, but they may not meet all spec’s.
7. It is recommended that a fuse be used on the input of a power supply for protection. See the table above for the
correct rating.
Mechanical Dimensions
www.micropowerdirect.com
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
A simple external circuit may be used
to adjust the converter output. To adjust
the output DOWN, connect a 5%, 3W
resistor between the plus output pin
and the Vout trim pin. To adjust the
output UP, connect a 5%, 3W resistor
between the minus output pin and the
Vout trim pin.
For UP/Down trimming capability, con-
nect a 10 kW potentiometer between
the plus and minus outputs with the
wiper arm connected to the Vout
trim pin.
The range for the external trim is
about ±10%.
External Trim
For heatsink option, add suffix “H” to model number (i.e. C6003RU-H)
Derating Curve (15 VDC Models)


Similar Part No. - C6001RU

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
C6001 PULSE-C6001 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
C6001L PULSE-C6001L Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
More results

Similar Description - C6001RU

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
UEI-3.3-15-Q12PR-C MURATA-PS-UEI-3.3-15-Q12PR-C Datasheet
284Kb / 13P
   50-60W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
MDC_UEI-50-60W MURATA-MDC_UEI-50-60W Datasheet
277Kb / 12P
   50-60W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
RUW15 MURATA1-RUW15_V01 Datasheet
573Kb / 13P
   Isolated Ultra-Wide Input DC-DC Converters
logo
Murata Manufacturing Co...
RUW15 MURATA-RUW15 Datasheet
238Kb / 5P
   Isolated Ultra-Wide Input DC/DC Converters
MDC_UEI-30W MURATA-MDC_UEI-30W Datasheet
286Kb / 11P
   30W Isolated Wide-Range DC/DC Converters
NDY2405C MURATA-NDY2405C Datasheet
192Kb / 4P
   Isolated 3W Wide Input DC/DC Converters
logo
C&D Technologies
NDY CANDD-NDY Datasheet
419Kb / 3P
   Isolated 3W Wide Input DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NTF MURATA-KDC_NTF Datasheet
204Kb / 8P
   Isolated 1W Wide Input DC/DC Converters
UEI30 MURATA-UEI30_11 Datasheet
343Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI30 MURATA-PS-UEI30 Datasheet
176Kb / 3P
   30W Isolated Wide-Range DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com