Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD24E-07-300 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # LD24E-07-300
Description  Low Cost, PWM Control Constant Current Output DC/DC LED Drivers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LD24E-07-300 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  LD24E-07-300 Datasheet HTML 1Page - MicroPower Direct, LLC LD24E-07-300 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low Cost, PWM Control
Constant Current Output
DC/DC LED Drivers
Key Features:
300 - 700 mA Output Current
Constant Current Output
PWM Dimming
Wide 5.5V to 36V Input Range
Efficiency to 95%
Miniature Case
4.7 MHrs MTBF
Low, Low Cost!
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5.5
24.0
36.0
VDC
Max Input Voltage
See Note 1
40.0
VDC
Input Filter
Internal Capacitor
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Range
Vin = 36V
2
32
VDC
Output Current
See Model Selection Guide
Output Current Accuracy
Vin = 24V
±5.0
±8.0
%
Output Current Stability
Vin = 24V
±5.0
±10.0
%
Output Capacitive Load
470
µF
Efficiency
Iout = 100%
95
%
Temperature Coefficient
±0.03
%/ºC
Output Short Circuit
Regulated At Rated Output Current
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range, Ambient
300 mA, 350 mA Output Models
-40
+25
+85
º
C
All Other Models
-40
+25
+71
Operating Temperature Range, Case
Case
+100
º
C
Storage Temperature Range
-55
+125
º
C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Lead Temperature
1.5 mm From Case For 10 Sec
260
ºC
Physical
Case Size
0.90 x 0.40 x 0.374 Inches (22.80 x 10.20 x 9.50 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.123 Oz (3.5g)
Remote On/Off Control
Parameter
Conditions
Min.
Typ.
Max.
Units
DC/DC On
Open 0r 2.8V < Vcont <6.0V
DC/DC Off
Vcont <0.6V
Remote Pin Drive Current
Vcont = 5.0V
1
mA
Quiescent Input Current (Shutdown Mode)
Vin = 24V, Vcont = <0.6V
400
µA
PWM Dimming
Parameter
Conditions
Min.
Typ.
Max.
Units
Operation Frequency
0.2
10
kHz
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
2.0
MHours
Safety Standards
Meets EN 60950, IEC 60950
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
www.micropowerdirect.com
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
S
LD24E-xx-xxx


Similar Part No. - LD24E-07-300

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LD24E-07-300 MPD-LD24E-07-300 Datasheet
288Kb / 2P
   Low Cost, PWM Control Constant Current Output DC/DC LED Drivers
More results

Similar Description - LD24E-07-300

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LD24E-XX-XXX MPD-LD24E-XX-XXX Datasheet
288Kb / 2P
   Low Cost, PWM Control Constant Current Output DC/DC LED Drivers
LDF24E-XX-XXX MPD-LDF24E-XX-XXX Datasheet
341Kb / 2P
   Miniature, SMT Constant Current Output DC/DC LED Drivers
logo
Tumbler Technologies + ...
LIS25 TRUMPOWER-LIS25 Datasheet
59Kb / 1P
   Constant Current AD/DC LED Drivers with Dimming Control
logo
MicroPower Direct, LLC
LD24-XX-XXW MPD-LD24-XX-XXW Datasheet
614Kb / 4P
   Compact, Wired Constant Current DC/DC LED Drivers
LD48 MPD-LD48 Datasheet
639Kb / 4P
   Compact, Wired Constant Current DC/DC LED Drivers
LD48-XX-XXW MPD-LD48-XX-XXW Datasheet
639Kb / 4P
   Compact, Wired Constant Current DC/DC LED Drivers
LDB24-XXX MPD-LDB24-XXX Datasheet
438Kb / 4P
   Compact, Boost Constant Current DC/DC LED Drivers
LD48-XX-XXX MPD-LD48-XX-XXX Datasheet
632Kb / 4P
   Compact, Wide Input Constant Current DC/DC LED Drivers
LD24-XX-XXX MPD-LD24-XX-XXX Datasheet
632Kb / 4P
   Compact, Wide Input Constant Current DC/DC LED Drivers
LDM24-XX-XXX MPD-LDM24-XX-XXX Datasheet
607Kb / 4P
   Miniature, Wide Input Constant Current DC/DC LED Drivers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com