Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
Download  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 56Page - STMicroelectronics ST10F280_12 Datasheet HTML 57Page - STMicroelectronics ST10F280_12 Datasheet HTML 58Page - STMicroelectronics ST10F280_12 Datasheet HTML 59Page - STMicroelectronics ST10F280_12 Datasheet HTML 60Page - STMicroelectronics ST10F280_12 Datasheet HTML 61Page - STMicroelectronics ST10F280_12 Datasheet HTML 62Page - STMicroelectronics ST10F280_12 Datasheet HTML 63Page - STMicroelectronics ST10F280_12 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 239 page
background image
Central Processing Unit (CPU)
ST10F280
60/239
Doc ID 8673 Rev. 3
The Table 6 shows the various combinations of pointer post-modification for each of these 2
new addressing modes. In this document the symbols “[Rwn⊗]” and “[IDXi⊗]” refer to these
addressing modes.
CoLOAD
Rwn, Rwm
[IDXi⊗], [Rwm⊗]
Rwn, [Rwm⊗]
CoLOAD-
No
CoLOAD2
No
CoLOAD2-
No
CoCMP
CoSHL
Rwm
#data4
[Rwm⊗]
Yes
No
Yes
CoSHR
CoASHR
CoASHR, rnd
CoABS
-
Rwn, Rwm
[IDXi⊗], [Rwm⊗]
Rwn, [Rwm⊗]
No
No
No
Table 6.
Pointer post-modification combinations for IDXi and Rwn
Symbol
Mnemonic
Address pointer operation
“[IDXi⊗]” stands for
[IDXi](IDXi) ← (IDXi) (no-op)
[IDXi+](IDXi) ← (IDXi) +2 (i=0,1)
[IDXi](IDXi) ← (IDXi)2 (i=0,1)
[IDXi + QXj](IDXi) ← (IDXi) + (QXj) (i, j =0,1)
[IDXi QXj](IDXi) ← (IDXi) (QXj) (i, j =0,1)
“[Rwn⊗]” stands for
[Rwn]
(Rwn)
← (Rwn) (no-op)
[Rwn
+]
(Rwn)
← (Rwn) +2 (n=0-15)
[Rwn-]
(Rwn)
← (Rwn)2 (k=0-15)
[Rwn
+QRj]
(Rwn)
← (Rwn) + (QRj) (n=0-15;j =0,1)
[Rwn QRj]
(Rwn)
← (Rwn) (QRj) (n=0-15; j =0,1)
Table 7.
MAC registers referenced as ‘CoReg‘
Registers
Description
Address in Opcode
MSW
MAC-Unit Status Word
00000b
MAH
MAC-Unit Accumulator High
00001b
MAS
“limited” MAH /signed
00010b
Table 5.
MAC coprocessor specific instructions (continued)
Mnemonic
Addressing modes
Repeatability


Similar Part No. - ST10F280_12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F280-AB STMICROELECTRONICS-ST10F280-AB Datasheet
31Kb / 4P
   16-Bit MCU with 512K Byte FLASH and 18K Byte RAM Memories
ST10F280-JT3 STMICROELECTRONICS-ST10F280-JT3 Datasheet
1Mb / 186P
   16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
More results

Similar Description - ST10F280_12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F276-4TR3 STMICROELECTRONICS-ST10F276-4TR3 Datasheet
2Mb / 235P
   16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
ST10F276Z5 STMICROELECTRONICS-ST10F276Z5_07 Datasheet
2Mb / 239P
   16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
ST10F273Z4 STMICROELECTRONICS-ST10F273Z4 Datasheet
1Mb / 188P
   16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
January 2008 Rev 2
ST10F276E STMICROELECTRONICS-ST10F276E Datasheet
2Mb / 235P
   16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
ST10F273E STMICROELECTRONICS-ST10F273E Datasheet
1Mb / 179P
   16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
ST10F276 STMICROELECTRONICS-ST10F276_06 Datasheet
4Mb / 229P
   16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
ST10F273 STMICROELECTRONICS-ST10F273 Datasheet
2Mb / 179P
   16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
ST10F271Z1 STMICROELECTRONICS-ST10F271Z1 Datasheet
3Mb / 185P
   16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
ST10F272Z2 STMICROELECTRONICS-ST10F272Z2_08 Datasheet
2Mb / 189P
   16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
ST10F271 STMICROELECTRONICS-ST10F271 Datasheet
2Mb / 173P
   16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com