Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM50B6LB060 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # PM50B6LB060
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM50B6LB060 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  PM50B6LB060_09 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM50B6LB060_09 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM50B6LB060_09 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM50B6LB060_09 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM50B6LB060_09 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM50B6LB060_09 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM50B6LB060_09 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM50B6LB060_09 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PM50B6LB060_09 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Jun. 2007
MITSUBISHI <INTELLIGENT POWER MODULES>
PM50B6LB060
FLAT-BASE TYPE
INSULATED PACKAGE
PM50B6LB060
FEATURE
a) Adopting new 5th generation IGBT (CSTBT
TM ) chip, which
performance is improved by 1µm fine rule process.
For example, typical Vce(sat)=1.55V @Tj=125°C
b) Over-temperature protection by detecting Tj of the CSTBT
TM
chips and error output is possible from all each conserva-
tion upper and lower arm of IPM.
c) New small package
Reduce the package size by 10%, thickness by 22% from
S-DASH series.
•2φ 50A, 600V Current-sense IGBT type inverter
• 50A, 600V Current-sense Chopper IGBT
• Monolithic gate drive & protection logic
• Detection, protection & status indication circuits for, short-
circuit, over-temperature & under-voltage (P-Fo available
from upper arm devices)
• UL Recognized
Yellow Card No.E80276(N)
File No.E80271
APPLICATION
Photo voltaic power conditioner
PACKAGE OUTLINES
Dimensions in mm
22
7.75
98.25
2.5
23
23
23
19.5
L A B E L
17
16
3
9.5
1.5
1. VUPC
2. UFO
3. UP
4. VUP1
5. VVPC
6. VFO
7. VP
8. VVP1
9. NC
10. NC
11. NC
12. NC
13. VNC
14. VN1
15. Br
16. UN
17. VN
18. WN
19. Fo
Terminal code
19-
■0.5
106 ±0.25
66.5
19.75
3.25
7
4
44
44
44
4
16
15.25
6-2
3-2
3-2
3-2
16
16
120
15
BU
V
W
913
19
4-φ
2.5
MOUNTING HOLES
2-
φ5.5


Similar Part No. - PM50B6LB060_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50B6LB060 MITSUBISHI-PM50B6LB060 Datasheet
173Kb / 10P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM50B6LB060_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com