Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM100CVA120 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # PM100CVA120
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM100CVA120 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  PM100CVA120_09 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM100CVA120_09 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM100CVA120_09 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM100CVA120_09 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM100CVA120_09 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM100CVA120_09 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM100CVA120
FLAT-BASE TYPE
INSULATED PACKAGE
Jun. 2005
Applied between : VUP1-VUPC
VVP1-VVPC, VWP1-VWPC, VN1-VNC
Applied between : UP-VUPC, VP-VVPC, WP-VWPC
UN • VN • WN-VNC
Applied between : UFO-VUPC, VFO-VVPC, WFO-VWPC
FO-VNC
Sink current at UFO, VFO, WFO and FO terminal
VCES
±IC
±ICP
PC
Tj
Collector-Emitter Voltage
Collector Current
Collector Current (Peak)
Collector Dissipation
Junction Temperature
VD = 15V, VCIN = 15V
TC = 25
°C
TC = 25
°C
TC = 25
°C
V
A
A
W
°C
MAXIMUM RATINGS (Tj = 25
°C, unless otherwise noted)
INVERTER PART
Symbol
Parameter
Condition
Ratings
Unit
1200
100
200
541
–20 ~ +150
INTERNAL FUNCTIONS BLOCK DIAGRAM
VFO
IFO
CONTROL PART
V
mA
20
20
Supply Voltage
Input Voltage
Fault Output Supply Voltage
Fault Output Current
Symbol
Parameter
Condition
Ratings
Unit
20
20
VD
VCIN
V
V
Rfo
Rfo
Rfo
Rfo
Rfo=1.5k
FO
NC VNC WN
VN1
VN
NW
V
U
P
UN
VWPC
VUPC
WFO
UFO
VVPC
VFO
WP
VP
UP
VWP1
VUP1
VVP1
GND
GND Si
Si
Si
Si
Si
Si
OUT
TEMP
In
VCC
FO
GND
GND
OUT
In
VCC
FO
GND
GND
OUT
In
VCC
FO
GND
GND
OUT
In
VCC
FO
GND
GND
OUT
In
VCC
FO
GND
GND
OUT
In
VCC
FO
Th


Similar Part No. - PM100CVA120_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM100CVA120 MITSUBISHI-PM100CVA120_05 Datasheet
80Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM100CVA120_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com