Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM300CVA060 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # PM300CVA060
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM300CVA060 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  PM300CVA060_09 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM300CVA060_09 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM300CVA060_09 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM300CVA060_09 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM300CVA060_09 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM300CVA060_09 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM300CVA060
FLAT-BASE TYPE
INSULATED PACKAGE
Jun. 2005
Rth(j-c)Q
Rth(j-c)F
Rth(c-f)
3.5
3.5
Mounting part
screw : M5
Main terminal
screw : M5
Symbol
Parameter
Mounting torque
Mounting torque
Weight
Test Condition
Unit
N • m
N • m
g
Limits
Min.
Typ.
Max.
2.5
2.5
3.0
3.0
1000
MECHANICAL RATINGS AND CHARACTERISTICS
Symbol
THERMAL RESISTANCES
0.187
0.26
0.018
°C/W
Inverter IGBT part (per 1/6 module)
Inverter FWDi part (per 1/6 module)
Case to fin, Thermal grease applied (per 1 module)
Parameter
Test Condition
Unit
Limits
Min.
Typ.
Max.
Junction to case Thermal
Resistances
Contact Thermal Resistance
RECOMMENDED CONDITIONS FOR USE
Symbol
VCC
VCIN(ON)
VCIN(OFF)
tdead
fPWM
VD
Recommended value
Unit
Test Condition
Parameter
V
Applied across P-N terminals
Applied between : VUP1-VUPC, VVP1-VVPC
VWP1-VWPC, VN1-VNC
(Note-3)
Applied between : UP-VUPC, VP-VVPC, WP-VWPC
UN • VN • WN-VNC
For IPM’s each input signals
Using Application Circuit input signal of IPM, 3
φ
Sinusoidal PWM VVVF inverter
Supply Voltage
Control Supply Voltage
Input ON Voltage
Input OFF Voltage
Arm Shoot-through
Blocking Time
PWM Input Frequency
≤ 400
15
± 1.5
≤ 0.8
≥ 4.0
≥ 2.5
≤ 20
V
µs
kHz
V
(Note-3) With ripple satisfying the following conditions dv/dt swing
≤ ±5V/µs, Variation ≤ 2V peak to peak


Similar Part No. - PM300CVA060_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM300CVA060 MITSUBISHI-PM300CVA060_05 Datasheet
81Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM300CVA060_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com