Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJ-2VB1H104K Datasheet(PDF) 8 Page - RF Micro Devices

Part # ECJ-2VB1H104K
Description  280W GaN WIDE-BAND PULSED POWER AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

ECJ-2VB1H104K Datasheet(HTML) 8 Page - RF Micro Devices

Back Button ECJ-2VB1H104K Datasheet HTML 2Page - RF Micro Devices ECJ-2VB1H104K Datasheet HTML 3Page - RF Micro Devices ECJ-2VB1H104K Datasheet HTML 4Page - RF Micro Devices ECJ-2VB1H104K Datasheet HTML 5Page - RF Micro Devices ECJ-2VB1H104K Datasheet HTML 6Page - RF Micro Devices ECJ-2VB1H104K Datasheet HTML 7Page - RF Micro Devices ECJ-2VB1H104K Datasheet HTML 8Page - RF Micro Devices ECJ-2VB1H104K Datasheet HTML 9Page - RF Micro Devices ECJ-2VB1H104K Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8 of 10
RFHA1020
DS120508
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
Evaluation Board Bill of Materials
Component
Value
Manufacturer
Part Number
R1, R4
10
Panasonic
ERJ-8GEYJ100V
R2
0
Panasonic
ERJ-8GEY0R00
R3
51
Panasonic
ERJ-8GEYJ510
C1, C2, C11, C13
82pF
Dialectric Labs
800A820JT
C17
56pF
ATC
ATC800A560JT
C5
0.1
F
Panasonic
ECJ-2VB1H104K
C6, C15
10000pF
Panasonic
ECJ-2VB1H103K
C16
0.1
F
Panasonic
ECJ-2VB1H104K
C8, C18
10
F
Panasonic
ECA-2AM100
C20
3.9pF
ATC
800A3R9CT
C21
1.1pF
ATC
800A1R1BT
C22
0.3pF
ATC
800A0R3BT
L20, L21
115
, 10A
Steward
28F0181-1SR-10
L22, L23
75
, 10A
Steward
35F0121-1SR-10
C3, C4, C7, C12, C14, C19
NOT POPULATED
RFHA1020
C20
R4
C2
VGATE
C1
50
 strip
50
 strip
J2
RF OUT
L2
L1
C6
R2
C8
C12
C13
C14
C15
C16
C19
R3
C17
L22
L23
J1
RF IN
L21
L20
C18
+
C21
VDRAIN
C11
C22
C3
C4
R1
C5
C7


Similar Part No. - ECJ-2VB1H104K

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
ECJ-2VB1H104K RFMD-ECJ-2VB1H104K Datasheet
871Kb / 10P
   280W GaN Wideband Pulsed Power Amplifier
More results

Similar Description - ECJ-2VB1H104K

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1025 RFMD-RFHA1025 Datasheet
871Kb / 10P
   280W GaN Wideband Pulsed Power Amplifier
RFHA1021L RFMD-RFHA1021L Datasheet
910Kb / 12P
   60W GaN Wide-Band Pulsed Power Amplifier
RFHA1027 RFMD-RFHA1027 Datasheet
595Kb / 10P
   500W GaN Wide-Band Pulsed Power Amplifier
RFHA1028 RFMD-RFHA1028 Datasheet
824Kb / 11P
   160W GaN Wide-Band Pulsed Power Amplifier
RFHA1021U RFMD-RFHA1021U Datasheet
978Kb / 12P
   60W GaN Wide-Band Pulsed Power Amplifier
RF3928 RFMD-RF3928 Datasheet
923Kb / 11P
   280W GaN WIDEBAND PULSED POWER
RFHA1023A RFMD-RFHA1023A Datasheet
616Kb / 10P
   250W GaN WIDE-BAND PULSED
RF3934 RFMD-RF3934 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3933 RFMD-RF3933 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3932 RFMD-RF3932 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com