Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS60L30C-Y Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS60L30C-Y
Description  Automotive power Schottky rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS60L30C-Y Datasheet(HTML) 5 Page - STMicroelectronics

  STPS60L30C-Y Datasheet HTML 1Page - STMicroelectronics STPS60L30C-Y Datasheet HTML 2Page - STMicroelectronics STPS60L30C-Y Datasheet HTML 3Page - STMicroelectronics STPS60L30C-Y Datasheet HTML 4Page - STMicroelectronics STPS60L30C-Y Datasheet HTML 5Page - STMicroelectronics STPS60L30C-Y Datasheet HTML 6Page - STMicroelectronics STPS60L30C-Y Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STPS60L30C-Y
Package information
Doc ID 18296 Rev 1
5/7
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 5.
PowerSO-20 (slug up) dimensions
Ref
Dimensions
Millimeter
Inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
3.25
3.5
0.128
0.138
A2
3
3.15
3.3
0.118
0.124
0.13
A4
0.8
1
0.031
0.039
A5
0.15
0.2
0.25
0.006
0.008
0.01
a1
0.03
-0.04
0.0012
-0.0016
b
0.4
0.53
0.016
0.021
c
0.23
0.32
0.009
0.012
D(1)
1.
These measurements do not include mold flash or protrusions.
Mold flash or protrusions shall not exceed 0.15 mm (0.006”). Critical dimensions: E, a1, e, and G.
15.8
16
0.622
0.63
D1
9.4
9.8
0.37
0.385
D2
1
0.039
E
13.9
14.5
0.547
0.57
E1(1)
10.9
11.1
0.429
0.437
E2
2.9
0.114
E3
5.8
6.2
0.228
0.244
e
1.12
1.27
1.42
0.044
0.05
0.056
e3
11.43
0.45
G
0
0.1
0
0.004
H
15.5
15.9
0.61
0.625
h
1.1
0.043
L
0.8
1.1
0.031
0.043
N
10°
10°
R0.6
0.024
S0°
V5°


Similar Part No. - STPS60L30C-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS60L30CW STMICROELECTRONICS-STPS60L30CW Datasheet
55Kb / 4P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS60L30CW STMICROELECTRONICS-STPS60L30CW Datasheet
55Kb / 4P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS60L30CW STMICROELECTRONICS-STPS60L30CW_03 Datasheet
55Kb / 4P
   LOW DROP POWER SCHOTTKY RECTIFIER
More results

Similar Description - STPS60L30C-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS5L60SY STMICROELECTRONICS-STPS5L60SY Datasheet
187Kb / 7P
   Automotive power Schottky rectifier
STPS2H100-Y STMICROELECTRONICS-STPS2H100-Y Datasheet
112Kb / 9P
   Automotive power Schottky rectifier
STPS3L40-Y STMICROELECTRONICS-STPS3L40-Y Datasheet
81Kb / 7P
   Automotive power Schottky rectifier
STPS3L60-Y STMICROELECTRONICS-STPS3L60-Y Datasheet
87Kb / 7P
   Automotive power Schottky rectifier
STPS340-Y STMICROELECTRONICS-STPS340-Y Datasheet
99Kb / 8P
   Automotive power Schottky rectifier
STPS3150UY STMICROELECTRONICS-STPS3150UY Datasheet
95Kb / 7P
   Automotive power Schottky rectifier
STPS640C-Y STMICROELECTRONICS-STPS640C-Y Datasheet
198Kb / 8P
   Automotive power Schottky rectifier
December 2013 Rev 2
STPS3L40SY STMICROELECTRONICS-STPS3L40SY Datasheet
91Kb / 7P
   Automotive power Schottky rectifier
STPS1545-Y STMICROELECTRONICS-STPS1545-Y Datasheet
85Kb / 7P
   Automotive power Schottky rectifier
STPS1545C-Y STMICROELECTRONICS-STPS1545C-Y Datasheet
111Kb / 7P
   Automotive power Schottky rectifier
May 2011 Rev 1
STPS3L60U-Y STMICROELECTRONICS-STPS3L60U-Y Datasheet
223Kb / 7P
   Automotive power Schottky rectifier
March 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com