Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS60SM200C Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS60SM200C
Description  Power Schottky rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS60SM200C Datasheet(HTML) 3 Page - STMicroelectronics

  STPS60SM200C Datasheet HTML 1Page - STMicroelectronics STPS60SM200C Datasheet HTML 2Page - STMicroelectronics STPS60SM200C Datasheet HTML 3Page - STMicroelectronics STPS60SM200C Datasheet HTML 4Page - STMicroelectronics STPS60SM200C Datasheet HTML 5Page - STMicroelectronics STPS60SM200C Datasheet HTML 6Page - STMicroelectronics STPS60SM200C Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STPS60SM200C
Characteristics
Doc ID 018819 Rev 1
3/7
Figure 1.
Average forward power dissipation
versus average forward current
(per diode)
Figure 2.
Average forward current versus
ambient temperature (
δ = 0.5)
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
35
40
P
(W)
F(AV)
T
δ = t / T
p
t
p
I
(A)
F(AV)
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
0
5
10
15
20
25
30
35
0
25
50
75
100
125
150
175
I
(A)
F(AV)
Rth(j-a) = Rth(j-c)
T
(°C)
amb
Figure 3.
Non repetitive surge peak forward
current versus overload duration
(maximum values, per diode)
Figure 4.
Relative variation of thermal
impedance junction to case versus
pulse duration
0
50
100
150
200
250
300
350
400
450
500
1.E-03
1.E-02
1.E-01
1.E+00
I
M
t
δ = 0.5
I (A)
M
T = 25 °C
c
T = 75 °C
c
T = 125 °C
c
t(s)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Z/R
th(j-c)
th(j-c)
Single pulse
t (s)
p
Figure 5.
Reverse leakage current versus
reverse voltage applied
(typical values, per diode)
Figure 6.
Junction capacitance versus
reverse voltage applied
(typical values, per diode)
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
20
40
60
80
100
120
140
160
180
200
V (V)
R
I (mA)
R
T = 25 °C
j
T = 50 °C
j
T = 75 °C
j
T = 125 °C
j
T = 150 °C
j
T = 100 °C
j
0.1
1.0
10.0
1
10
100
1000
V (V)
R
C(nF)
F = 1 MHz
V
= 30 mV
T = 25 °C
osc
RMS
j


Similar Part No. - STPS60SM200C

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STPS60SM200C ISC-STPS60SM200C Datasheet
438Kb / 4P
   Schottky Barrier Rectifier
More results

Similar Description - STPS60SM200C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com