Selected language     English  ▼


STX-PRO Datasheet(PDF) 2 Page - STMicroelectronics

Part No. STX-PRO
Description  Raisonance’s unlimited development tool bundles for STM32, STR7 and STR9
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

   
 2 page
background image
Development tool key features
STR9-DK/RAIS STX-PRO/RAIS
2/4
Development tool key features
In-circuit debugger/programmer
Raisonance RLink (standalone in STX-PRO/RAIS, embedded in STR9-DK/RAIS).
USB host PC interface
Industry standard JTAG application interface
RLink also includes SWIM, ICC and JTAG connection adapters for in-circuit
debugging/programming of 8-bit STM8, ST7 and uPSD microcontroller families.
Signum JTAGjet (in STR9-DK/RAIS).
USB host PC interface
Trace connection for the STR9’s Embedded Trace Macrocell™
2 Mbyte trace buffer
Industry standard JTAG application interface
Raisonance integrated development environment (RIDE)
RIDE drives both the RLink in-circuit debugger/programmer and the Signum JTAGjet in-
circuit debugger/programmer with trace for use with the STR9 microcontroller’s ETM™.
Unlimited version (in STX-PRO/RAIS)
Seamless control of GNU C/C++ toolset
High-level language debugger
SIMICE simulator for STM32, STR7 and STR9
Color syntax highlighting editor and Project manager
REva evaluation board (in STR9-DK/RAIS)
This innovative modular platform consists of a motherboard daughter board and a limited
embedded RLink in-circuit programmer and debugger.
REva motherboard
1 standard 72-pin SO-DIMM connector to plug in daughter boards.
Digital and analog I/O evaluation features, including on-board LEDs, buttons,
switches, external analog connector, temperature sensor and potentiometer
I²C EEPROM and bus extension connector
RS-232 driver and 2 DB9 connectors
Prototyping area
–VDD settings for 1.8V, 3.3V and 5V
USB powered, no external power required
Embedded RLink (32K limited version) for in-circuit debugging and in-circuit
programming.
REva STR91xF daughterboard with STR912FAW4 (LQFP128 package), clock selector
and other device dependant features, Ethernet connector and ETM trace connector.




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl