Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF01-TV02F3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # EMIF01-TV02F3
Description  Single line IPAD?? EMI filter and ESD protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF01-TV02F3 Datasheet(HTML) 6 Page - STMicroelectronics

  EMIF01-TV02F3 Datasheet HTML 1Page - STMicroelectronics EMIF01-TV02F3 Datasheet HTML 2Page - STMicroelectronics EMIF01-TV02F3 Datasheet HTML 3Page - STMicroelectronics EMIF01-TV02F3 Datasheet HTML 4Page - STMicroelectronics EMIF01-TV02F3 Datasheet HTML 5Page - STMicroelectronics EMIF01-TV02F3 Datasheet HTML 6Page - STMicroelectronics EMIF01-TV02F3 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Ordering information
EMIF01-TV02F3
6/7
Doc ID 15320 Rev 3
Figure 12.
Flip Chip tape and reel specification
5
Ordering information
Table 3.
Ordering information
Note:
More information is available in the application note:
AN1235:"Flip Chip: Package description and recommendations for use"
AN1751: “EMI filters: Recommendations and measurements”
6
Revision history
Table 4.
Document revision history
User direction of unreeling
All dimensions in mm
4.0 ± 0.1
4 ± 0.1
Ø 1.5 ± 0.1
0.95
Dot identifying Pin A1 location
0.71 ± 0.05
Order code
Marking
Package
Weight
Base qty
Delivery mode
EMIF01-TV02F3
HZ
Flip Chip
1.1 mg
5000
Tape and reel 7”
Date
Revision
Changes
20-Jan-2009
1
Initial release.
18-Sep-2009
2
Updated Figure 5 and Figure 6.
06-Oct-2010
3
Added text above Figure 7.


Similar Part No. - EMIF01-TV02F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF01-TV01F3 STMICROELECTRONICS-EMIF01-TV01F3 Datasheet
181Kb / 8P
   Single line IPAD, EMI filter and ESD protection
EMIF01-TV01F3 STMICROELECTRONICS-EMIF01-TV01F3_11 Datasheet
157Kb / 8P
   Single line IPAD?? EMI filter and ESD protection
More results

Similar Description - EMIF01-TV02F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF01-TV01F3 STMICROELECTRONICS-EMIF01-TV01F3 Datasheet
181Kb / 8P
   Single line IPAD, EMI filter and ESD protection
EMIF01-TV01F3 STMICROELECTRONICS-EMIF01-TV01F3_11 Datasheet
157Kb / 8P
   Single line IPAD?? EMI filter and ESD protection
EMIF01-SMIC01F2 STMICROELECTRONICS-EMIF01-SMIC01F2 Datasheet
150Kb / 7P
   Single line IPAD?? EMI filter including ESD protection
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2_08 Datasheet
110Kb / 8P
   2-line IPAD, EMI filter and ESD protection
EMIF09-SD01F3 STMICROELECTRONICS-EMIF09-SD01F3_08 Datasheet
375Kb / 9P
   9-line IPAD, EMI filter and ESD protection
EMIF10-LCD03F3 STMICROELECTRONICS-EMIF10-LCD03F3_10 Datasheet
278Kb / 7P
   10-line IPAD?? EMI filter and ESD protection
EMIF06-MSD02N16 STMICROELECTRONICS-EMIF06-MSD02N16 Datasheet
695Kb / 12P
   6-line IPAD?? EMI filter and ESD protection
EMIF02-MIC06F3 STMICROELECTRONICS-EMIF02-MIC06F3 Datasheet
211Kb / 8P
   2-line IPAD??EMI filter and ESD protection
EMIF04-EAR01F2 STMICROELECTRONICS-EMIF04-EAR01F2 Datasheet
192Kb / 7P
   4-line IPAD, EMI filter and ESD protection
EMIF06-1002F2 STMICROELECTRONICS-EMIF06-1002F2 Datasheet
218Kb / 7P
   6-line IPAD?? EMI filter and ESD protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com