Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF01-TV02F3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF01-TV02F3
Description  Single line IPAD?? EMI filter and ESD protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF01-TV02F3 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF01-TV02F3 Datasheet HTML 1Page - STMicroelectronics EMIF01-TV02F3 Datasheet HTML 2Page - STMicroelectronics EMIF01-TV02F3 Datasheet HTML 3Page - STMicroelectronics EMIF01-TV02F3 Datasheet HTML 4Page - STMicroelectronics EMIF01-TV02F3 Datasheet HTML 5Page - STMicroelectronics EMIF01-TV02F3 Datasheet HTML 6Page - STMicroelectronics EMIF01-TV02F3 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EMIF01-TV02F3
Characteristics
Doc ID 15320 Rev 3
3/7
Figure 6.
ESD response to IEC 61000-4-2 (-15 kV air discharge) on one input V(in) and on one
output V(out)
Figure 4.
S21 attenuation measurement
(typical value) in 75/75 environment
Figure 5.
ESD response to IEC 61000-4-2
(+15 kV air discharge) on one input
V(in) and on one output V(out)
100.0k
1.0M
10.0M
100.0M
1.0G
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
APLAC 8.21 User: F:Cust# 8463:ST Microelectronics
- Tours:Applied Wave Research
dB
L=2.2µH (TDKRef: MLF1608A2R2J)
100.0k
1.0M
10.0M
100.0M
1.0G
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00 S21 (dB)
L=2.2µH (TDKRef: MLF1608A2R2J)
F (Hz)
Input-Output
C2
C3
5.00 V/div
5.00 V/div
OUT
IN
50 ns/div
C2
C3
5.00 V/div
5.00 V/div
OUT
IN
50 ns/div


Similar Part No. - EMIF01-TV02F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF01-TV01F3 STMICROELECTRONICS-EMIF01-TV01F3 Datasheet
181Kb / 8P
   Single line IPAD, EMI filter and ESD protection
EMIF01-TV01F3 STMICROELECTRONICS-EMIF01-TV01F3_11 Datasheet
157Kb / 8P
   Single line IPAD?? EMI filter and ESD protection
More results

Similar Description - EMIF01-TV02F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF01-TV01F3 STMICROELECTRONICS-EMIF01-TV01F3 Datasheet
181Kb / 8P
   Single line IPAD, EMI filter and ESD protection
EMIF01-TV01F3 STMICROELECTRONICS-EMIF01-TV01F3_11 Datasheet
157Kb / 8P
   Single line IPAD?? EMI filter and ESD protection
EMIF01-SMIC01F2 STMICROELECTRONICS-EMIF01-SMIC01F2 Datasheet
150Kb / 7P
   Single line IPAD?? EMI filter including ESD protection
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2_08 Datasheet
110Kb / 8P
   2-line IPAD, EMI filter and ESD protection
EMIF09-SD01F3 STMICROELECTRONICS-EMIF09-SD01F3_08 Datasheet
375Kb / 9P
   9-line IPAD, EMI filter and ESD protection
EMIF10-LCD03F3 STMICROELECTRONICS-EMIF10-LCD03F3_10 Datasheet
278Kb / 7P
   10-line IPAD?? EMI filter and ESD protection
EMIF06-MSD02N16 STMICROELECTRONICS-EMIF06-MSD02N16 Datasheet
695Kb / 12P
   6-line IPAD?? EMI filter and ESD protection
EMIF02-MIC06F3 STMICROELECTRONICS-EMIF02-MIC06F3 Datasheet
211Kb / 8P
   2-line IPAD??EMI filter and ESD protection
EMIF04-EAR01F2 STMICROELECTRONICS-EMIF04-EAR01F2 Datasheet
192Kb / 7P
   4-line IPAD, EMI filter and ESD protection
EMIF06-1002F2 STMICROELECTRONICS-EMIF06-1002F2 Datasheet
218Kb / 7P
   6-line IPAD?? EMI filter and ESD protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com