Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF02-MIC06F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF02-MIC06F3
Description  2-line IPAD??EMI filter and ESD protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-MIC06F3 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF02-MIC06F3 Datasheet HTML 1Page - STMicroelectronics EMIF02-MIC06F3 Datasheet HTML 2Page - STMicroelectronics EMIF02-MIC06F3 Datasheet HTML 3Page - STMicroelectronics EMIF02-MIC06F3 Datasheet HTML 4Page - STMicroelectronics EMIF02-MIC06F3 Datasheet HTML 5Page - STMicroelectronics EMIF02-MIC06F3 Datasheet HTML 6Page - STMicroelectronics EMIF02-MIC06F3 Datasheet HTML 7Page - STMicroelectronics EMIF02-MIC06F3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
September 2011
Doc ID 15195 Rev 4
1/8
8
EMIF02-MIC06F3
2-line IPAD™ EMI filter and ESD protection
Features
2-line symmetrical low-pass filter
Lead-free package
Very low PCB space consuming: < 1.5 mm2
Very thin package: 0.65 mm
High efficiency in ESD suppression
IEC 61000-4-2 level 4
High reliability offered by monolithic integration
High reduction of parasitic elements through
integration and wafer level packaging
Complies with the following standards
IEC 61000-4-2 level 4:
– 15 kV (air discharge)
– 8 kV (contact discharge)
Application
Mobile phones (differential microphone filtering
and ESD protection)
Description
The EMIF02-MIC06F3 is a highly integrated
device designed to suppress EMI/RFI noise for
dual microphone line filtering.
The EMIF02-MIC06F3 Flip-Chip packaging
means the package size is equal to the die size.
That's why EMIF02-MIC06F3 is a very small
device.
Additionally, this filter includes an ESD protection
circuitry which prevents damage to the application
when subjected to ESD surges up to 15 kV.
TM: IPAD is a trademark of STMicroelectronics.
Figure 1.
Pin configuration (bump side)
Lead-free Flip-Chip package
(8 bumps)
B
C
1
2
3
A
MIC
Bias
ECI
Op
On
n
Gnd
A
Gnd
Mic2p
Mic2n
www.st.com


Similar Part No. - EMIF02-MIC06F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-MIC01F2 STMICROELECTRONICS-EMIF02-MIC01F2 Datasheet
381Kb / 7P
   2-line IPAD, EMI filter including ESD protection
EMIF02-MIC02F1 STMICROELECTRONICS-EMIF02-MIC02F1 Datasheet
73Kb / 7P
   2 LINES EMI FILTER INCLUDING ESD PROTECTION
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2 Datasheet
73Kb / 7P
   2 LINES EMI FILTER INCLUDING ESD PROTECTION
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2 Datasheet
110Kb / 8P
   2-line IPAD, EMI filter and ESD protection
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2_08 Datasheet
110Kb / 8P
   2-line IPAD, EMI filter and ESD protection
More results

Similar Description - EMIF02-MIC06F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2_08 Datasheet
110Kb / 8P
   2-line IPAD, EMI filter and ESD protection
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2_11 Datasheet
114Kb / 8P
   2-line IPAD?? EMI filter and ESD protection
EMIF02-SPK01F2 STMICROELECTRONICS-EMIF02-SPK01F2_11 Datasheet
293Kb / 7P
   2-line IPAD?? EMI filter and ESD protection
EMIF02-SPK02F2 STMICROELECTRONICS-EMIF02-SPK02F2_12 Datasheet
227Kb / 12P
   2-line IPAD?? EMI filter and ESD protection
EMIF02-USB01F2 STMICROELECTRONICS-EMIF02-USB01F2 Datasheet
116Kb / 8P
   2-line IPAD?? EMI filter including ESD protection
EMIF02-USB02F2 STMICROELECTRONICS-EMIF02-USB02F2 Datasheet
105Kb / 7P
   2-line IPAD, EMI filter with ESD protection
EMIF02-MIC01F2 STMICROELECTRONICS-EMIF02-MIC01F2 Datasheet
381Kb / 7P
   2-line IPAD, EMI filter including ESD protection
EMIF02-MIC02F3 STMICROELECTRONICS-EMIF02-MIC02F3 Datasheet
183Kb / 8P
   2-line IPAD, EMI filter including ESD protection
EMIF02-USB03F2 STMICROELECTRONICS-EMIF02-USB03F2_08 Datasheet
188Kb / 8P
   2-line IPAD, EMI filter including ESD protection
EMIF02-USB03F2 STMICROELECTRONICS-EMIF02-USB03F2_10 Datasheet
195Kb / 8P
   2-line IPAD?? EMI filter including ESD protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com