Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF06-SD03F3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # EMIF06-SD03F3
Description  6-line IPAD?? EMI filter and ESD protection for SD card
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-SD03F3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button EMIF06-SD03F3 Datasheet HTML 3Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 4Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 5Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 6Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 7Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 8Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 9Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 10Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
EMIF06-SD03F3
Characteristics
Doc ID 15194 Rev 2
7/23
Table 4.
Recommended operating conditions
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VccA
Power supply
1.62
1.8
1.92
V
Vbat
Battery power supply
3.1
-
5
V
Iout
VccB output current
0.10
100
200
mA
Cbat
External battery
capacitance
Ceramic capacitor
-
2.20
-
µF
Cout
(1)
External output
capacitance
Ta = -40 °C to +85 °C, Vbias = 0 V to 3.3 V
Multi-layer ceramic capacitor type like:
C20RX7R1C225K
1.4
(-35%)
2.20
3.0
(+35%)
µF
ESR(2)
Equivalent series
resistance for Cout
F = 1 Hz to 10 MHz
Multi-layer ceramic capacitor type like:
C2012X7R1C225KT
-3
200
m
Ω
Taop
Ambient operating temperature
-30
25
85
°C
Tjop
Juntion operating temperature
-30
25
125
°C
Pdop
Maximum power
dissipation
Pdop = (Tjop - Taop)/Rth (j-a)
--
625
mW
Enable
Enable input voltage
0
-
VccA
V
External
pins (without
WP and CD)
CMD-B, CLK-B, Dat0-B, Dat1-B, Dat2-B, Dat3-B
0
-
VccB
V
Internal pins
(except
Enable, with
WP and CD)
WP, CD, Dat123.dir, CMD.dir, CMD.h, CLK.h,
CLK-f, Dat0.dir, Dat0.h, Dat1.h, Dat2.h, Dat3.h
0-
VccA
V
1.
Cout = 2.2 µF is minimum allowable capacitance value to guarantee LDO stability
2.
Values for ESR include the VccB - Cout resistance path and Cout - GND resistance path. These resistance paths need to be
minimized in PCB design.


Similar Part No. - EMIF06-SD03F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF06-SD02F3 STMICROELECTRONICS-EMIF06-SD02F3 Datasheet
61Kb / 3P
   6 line EMI filter and ESD protection for SD card
More results

Similar Description - EMIF06-SD03F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF06-MSD02N16 STMICROELECTRONICS-EMIF06-MSD02N16 Datasheet
695Kb / 12P
   6-line IPAD?? EMI filter and ESD protection
EMIF06-1002F2 STMICROELECTRONICS-EMIF06-1002F2 Datasheet
218Kb / 7P
   6-line IPAD?? EMI filter and ESD protection
EMIF06-SD02F3 STMICROELECTRONICS-EMIF06-SD02F3 Datasheet
61Kb / 3P
   6 line EMI filter and ESD protection for SD card
EMIF06-HMC01F2 STMICROELECTRONICS-EMIF06-HMC01F2_08 Datasheet
231Kb / 8P
   6-line IPAD, EMI filter including ESD protection
EMIF06-HMC02F2 STMICROELECTRONICS-EMIF06-HMC02F2 Datasheet
285Kb / 7P
   6-line IPAD?? EMI filter including ESD protection
March 2016 Rev 1
EMIF06-VID01F2 STMICROELECTRONICS-EMIF06-VID01F2_08 Datasheet
172Kb / 7P
   6-line IPAD, low capacitance EMI filter and ESD protection
EMIF06-USD04F3 STMICROELECTRONICS-EMIF06-USD04F3 Datasheet
297Kb / 8P
   6-line low capacitance IPAD??for micro-SD card with EMI filtering and ESD protection
January 2015 Rev 4
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2_08 Datasheet
110Kb / 8P
   2-line IPAD, EMI filter and ESD protection
EMIF09-SD01F3 STMICROELECTRONICS-EMIF09-SD01F3_08 Datasheet
375Kb / 9P
   9-line IPAD, EMI filter and ESD protection
EMIF10-LCD03F3 STMICROELECTRONICS-EMIF10-LCD03F3_10 Datasheet
278Kb / 7P
   10-line IPAD?? EMI filter and ESD protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com