Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF07-LCD03F3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EMIF07-LCD03F3
Description  7-line IPAD?? EMI filter and ESD protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF07-LCD03F3 Datasheet(HTML) 2 Page - STMicroelectronics

  EMIF07-LCD03F3 Datasheet HTML 1Page - STMicroelectronics EMIF07-LCD03F3 Datasheet HTML 2Page - STMicroelectronics EMIF07-LCD03F3 Datasheet HTML 3Page - STMicroelectronics EMIF07-LCD03F3 Datasheet HTML 4Page - STMicroelectronics EMIF07-LCD03F3 Datasheet HTML 5Page - STMicroelectronics EMIF07-LCD03F3 Datasheet HTML 6Page - STMicroelectronics EMIF07-LCD03F3 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
EMIF07-LCD03F3
2/7
1
Characteristics
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter and test conditions
Value
Unit
Vpp
Input and output pins:
ESD discharge IEC 610000-4-2, air discharge
ESD discharge IEC 610000-4-2, contact discharge
±15
±15
kV
Tj
Maximum junction temperature
125
°C
Top
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to 150
°C
Table 2.
Electrical characteristics (Tamb = 25 °C)
Symbol
Parameters
VBR
Breakdown voltage
IRM
Leakage current @ VRM
VRM
Stand-off voltage
RI/O
Series resistance between input and output
Cline
Line capacitance
Symbol
Test conditions
Min
Typ
Max
Unit
VBR
IR = 1 mA
14
V
IRM
VRM = 3 V per line
200
nA
RI/O
Tolerance ± 20%
100
125
150
Ω
Cline
Vline = 0 V, VOSC = 30 mV, F =1 MHz
30
pF
Figure 3.
Attenuation versus frequency (all
GND bumps connected)
Figure 4.
Analog cross talk versus frequency
(all GND bumps connected)
100k
1M
10M
100M
1G
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
I1- O1
I2-O2
I3- O3
I4-O4
I5- O5
I6- O6
-
I7 O7
F (Hz)
S21 (dB)
100k
1M
10M
100M
1G
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
I1- O2
I1- O7
F (Hz)
XTalk (dB)


Similar Part No. - EMIF07-LCD03F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF07-LCD02F3 STMICROELECTRONICS-EMIF07-LCD02F3 Datasheet
287Kb / 8P
   7-line IPAD?? EMI filter and ESD protection for LCD and cameras
EMIF07-LCD02F3 STMICROELECTRONICS-EMIF07-LCD02F3_10 Datasheet
273Kb / 8P
   7-line IPAD?? EMI filter and ESD protection for LCD and cameras
More results

Similar Description - EMIF07-LCD03F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2_08 Datasheet
110Kb / 8P
   2-line IPAD, EMI filter and ESD protection
EMIF09-SD01F3 STMICROELECTRONICS-EMIF09-SD01F3_08 Datasheet
375Kb / 9P
   9-line IPAD, EMI filter and ESD protection
EMIF10-LCD03F3 STMICROELECTRONICS-EMIF10-LCD03F3_10 Datasheet
278Kb / 7P
   10-line IPAD?? EMI filter and ESD protection
EMIF01-TV01F3 STMICROELECTRONICS-EMIF01-TV01F3 Datasheet
181Kb / 8P
   Single line IPAD, EMI filter and ESD protection
EMIF06-MSD02N16 STMICROELECTRONICS-EMIF06-MSD02N16 Datasheet
695Kb / 12P
   6-line IPAD?? EMI filter and ESD protection
EMIF01-TV02F3 STMICROELECTRONICS-EMIF01-TV02F3 Datasheet
170Kb / 7P
   Single line IPAD?? EMI filter and ESD protection
EMIF02-MIC06F3 STMICROELECTRONICS-EMIF02-MIC06F3 Datasheet
211Kb / 8P
   2-line IPAD??EMI filter and ESD protection
EMIF04-EAR01F2 STMICROELECTRONICS-EMIF04-EAR01F2 Datasheet
192Kb / 7P
   4-line IPAD, EMI filter and ESD protection
EMIF06-1002F2 STMICROELECTRONICS-EMIF06-1002F2 Datasheet
218Kb / 7P
   6-line IPAD?? EMI filter and ESD protection
EMIF01-TV01F3 STMICROELECTRONICS-EMIF01-TV01F3_11 Datasheet
157Kb / 8P
   Single line IPAD?? EMI filter and ESD protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com