Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-TDR003V1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STEVAL-TDR003V1
Description  2-stage RF power amp: PD84001 PD54008L-E LPF N-channel enhancement-mode lateral MOSFETs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR003V1 Datasheet(HTML) 5 Page - STMicroelectronics

  STEVAL-TDR003V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
STEVAL-TDR003V1
Typical performance
Doc ID 17343 Rev 1
5/20
Figure 4.
Gain vs input power
Figure 5.
Gain vs input power
Figure 6.
Gain vs input power
28
30
32
34
36
38
40
-4
-2
0
2
4
6
8
10
Input Pow er (dBm )
135 MHz
155 MHz
175 MHz
Vdd = 7.2V
Idq = 100m A
26
27
28
29
30
31
32
33
34
-4
-2
0
2
4
6
8
10
Input Pow er (dBm )
135 MHz
155 MHz
175 MHz
Vdd = 6V
Idq = 300m A
p
24
25
26
27
28
29
30
31
32
33
34
-4
-2
02
46
8
10
Input Power (dBm)
135 MHz
155 MHz
175 MHz
Vdd = 5V
Idq = 300m A
Figure 7.
Drain current vs output power
Figure 8.
Drain current vs output power
0
0.4
0.8
1.2
1.6
2
26 27
28 29 30
31 32 33
34 35 36
37 38
Output Pow er (dBm )
135 MHz
155 MHz
175 MHz
Vdd = 6V
Idq = 300m A
p
0
0.4
0.8
1.2
1.6
2
26
27
28
29
30
31
32
33
34
35
36
Output Pow er (dBm )
135 MHz
155 MHz
175 MHz
Vdd = 5V
Idq = 300m A


Similar Part No. - STEVAL-TDR003V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TDR001V1 STMICROELECTRONICS-STEVAL-TDR001V1 Datasheet
670Kb / 17P
   2 stage RF power amp: PD84001 PD54003L-E LPF N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR005V1 STMICROELECTRONICS-STEVAL-TDR005V1 Datasheet
255Kb / 11P
   RF power amplifier using 2 x SD2943 N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR006V1 STMICROELECTRONICS-STEVAL-TDR006V1 Datasheet
556Kb / 18P
   2 stage RF power amp: PD84001 PD84008L-E LPF N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR007V1 STMICROELECTRONICS-STEVAL-TDR007V1 Datasheet
393Kb / 11P
   3 stage RF power amplifier demonstration board using: PD57002-E, PD57018-E, 2 x PD57060-E
STEVAL-TDR009V1 STMICROELECTRONICS-STEVAL-TDR009V1 Datasheet
349Kb / 13P
   RF power amplifier demonstration board using: 2 x SD2932 N-channel enhancement-mode lateral MOSFETs
More results

Similar Description - STEVAL-TDR003V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AB-54008L-175 STMICROELECTRONICS-AB-54008L-175 Datasheet
665Kb / 20P
   2 stages RF power amp: PD84001-E PD54008L-E LPF N-Channel Enhancement-Mode Lateral MOSFETs
STEVAL-TDR006V1 STMICROELECTRONICS-STEVAL-TDR006V1 Datasheet
556Kb / 18P
   2 stage RF power amp: PD84001 PD84008L-E LPF N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR001V1 STMICROELECTRONICS-STEVAL-TDR001V1 Datasheet
670Kb / 17P
   2 stage RF power amp: PD84001 PD54003L-E LPF N-channel enhancement-mode lateral MOSFETs
logo
Freescale Semiconductor...
AFT21S230SR3 FREESCALE-AFT21S230SR3 Datasheet
559Kb / 15P
   RF Power LDMOS Transistors N--Channel Enhancement--Mode Lateral MOSFETs
logo
STMicroelectronics
STEVAL-TDR023V1 STMICROELECTRONICS-STEVAL-TDR023V1 Datasheet
520Kb / 8P
   RF power amplifier using 1 x PD55025-E N-channel enhancement-mode lateral MOSFETs
logo
Motorola, Inc
MRF5S19130R3 MOTOROLA-MRF5S19130R3 Datasheet
417Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF184R1 MOTOROLA-MRF184R1 Datasheet
1,015Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
Freescale Semiconductor...
MRFE6S9125NR1 FREESCALE-MRFE6S9125NR1 Datasheet
598Kb / 18P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
STMicroelectronics
DB-2933-54 STMICROELECTRONICS-DB-2933-54 Datasheet
678Kb / 13P
   RF POWER amplifier using 2 x SD2933 N-Channel enhancement-mode lateral MOSFETs
logo
Freescale Semiconductor...
MRF6V2150N FREESCALE-MRF6V2150N Datasheet
205Kb / 8P
   N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com