Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-TDR007V1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STEVAL-TDR007V1
Description  3 stage RF power amplifier demonstration board using: PD57002-E, PD57018-E, 2 x PD57060-E
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR007V1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STEVAL-TDR007V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR007V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR007V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR007V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR007V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR007V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR007V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR007V1 Datasheet HTML 9Page - STMicroelectronics STEVAL-TDR007V1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Package mechanical data: PD57002-E, PD57018-E, PD57060-E
STEVAL-TDR007V1
6/11
5
Package mechanical data:
PD57002-E, PD57018-E, PD57060-E
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.


Similar Part No. - STEVAL-TDR007V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TDR001V1 STMICROELECTRONICS-STEVAL-TDR001V1 Datasheet
670Kb / 17P
   2 stage RF power amp: PD84001 PD54003L-E LPF N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR003V1 STMICROELECTRONICS-STEVAL-TDR003V1 Datasheet
414Kb / 20P
   2-stage RF power amp: PD84001 PD54008L-E LPF N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR005V1 STMICROELECTRONICS-STEVAL-TDR005V1 Datasheet
255Kb / 11P
   RF power amplifier using 2 x SD2943 N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR006V1 STMICROELECTRONICS-STEVAL-TDR006V1 Datasheet
556Kb / 18P
   2 stage RF power amp: PD84001 PD84008L-E LPF N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR009V1 STMICROELECTRONICS-STEVAL-TDR009V1 Datasheet
349Kb / 13P
   RF power amplifier demonstration board using: 2 x SD2932 N-channel enhancement-mode lateral MOSFETs
More results

Similar Description - STEVAL-TDR007V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0575 STMICROELECTRONICS-UM0575 Datasheet
727Kb / 20P
   The e-STARTER demonstration board
STEVAL-TDR021V1 STMICROELECTRONICS-STEVAL-TDR021V1 Datasheet
352Kb / 11P
   Demonstration board using the PD84008L-E for 900 MHz 2-way radio
logo
M/A-COM Technology Solu...
MAAM-011167 MA-COM-MAAM-011167 Datasheet
1Mb / 10P
   Stage Driver Amplifier for E Band
logo
STMicroelectronics
AN1246 STMICROELECTRONICS-AN1246 Datasheet
103Kb / 8P
   power supply using VIPer20A-E
STEVAL-TDR023V1 STMICROELECTRONICS-STEVAL-TDR023V1 Datasheet
520Kb / 8P
   RF power amplifier using 1 x PD55025-E N-channel enhancement-mode lateral MOSFETs
AN1514 STMICROELECTRONICS-AN1514 Datasheet
265Kb / 17P
   buck-boost converter using VIPer12A-E/22A-E
UM0890 STMICROELECTRONICS-UM0890 Datasheet
442Kb / 7P
   2-stage RF power amplifier with LPF based on the PD85006L-E and STAP85050 RF power transistors
logo
M/A-COM Technology Solu...
MABA-009250-CT0068 MA-COM-MABA-009250-CT0068 Datasheet
82Kb / 2P
   E-Series RF 2:1 Transformer
MABA-009484-ETC31T_V3 MA-COM-MABA-009484-ETC31T_V3 Datasheet
259Kb / 4P
   E-Series RF 1:3 Transformer
ETC3-1 MA-COM-ETC3-1 Datasheet
81Kb / 1P
   E-Series RF 3:1 Transformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com